Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ANT11 Datasheet(PDF) 6 Page - CIT Relay & Switch

Part No. ANT11
Description  CIT SWITCH
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

ANT11 Datasheet(HTML) 6 Page - CIT Relay & Switch

Back Button ANT11 Datasheet HTML 2Page - CIT Relay & Switch ANT11 Datasheet HTML 3Page - CIT Relay & Switch ANT11 Datasheet HTML 4Page - CIT Relay & Switch ANT11 Datasheet HTML 5Page - CIT Relay & Switch ANT11 Datasheet HTML 6Page - CIT Relay & Switch ANT11 Datasheet HTML 7Page - CIT Relay & Switch ANT11 Datasheet HTML 8Page - CIT Relay & Switch ANT11 Datasheet HTML 9Page - CIT Relay & Switch ANT11 Datasheet HTML 10Page - CIT Relay & Switch Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
www.citswitch.com
page
120
phone – 763.535.2339 fax – 763.535.2194
TERMINAL OPTIONS
B (Single Pole)
B (Double Pole)
B (3 Pole)
B (4 Pole)
C (Single Pole)
C (Double Pole)
C (3 Pole)
C (4 Pole)
D (Single Pole)
D (Double Pole)
D (3 Pole)
D (4 Pole)
H (HS – Snap-in) = Horizontal Mount, Right Angle PC Pins (Single Pole)
H (HS – Snap-in) = Horizontal Mount, Right Angle PC Pins (Double Pole)
ANT


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ANP11F4B CIT SWITCH 1  2  3  4  5  More CIT Relay & Switch
ANR11 CIT SWITCH 1  2  3  4  5  More CIT Relay & Switch
820LRB2E22RG CIT SWITCH 1  2  3  CIT Relay & Switch
1101A1BQEA CIT SWITCH 1  2  3  4  CIT Relay & Switch
A11ASP6VDC1.2 CIT SWITCH 1  2  CIT Relay & Switch
A1M1ASP12VDC CIT SWITCH 1  2  CIT Relay & Switch
A21ASP6VDC1.6 CIT SWITCH 1  2  3  CIT Relay & Switch
A31ASP6VDC1 CIT SWITCH 1  2  3  CIT Relay & Switch
A41AS3VDC CIT SWITCH 1  2  CIT Relay & Switch
A61AS6VDC.9 CIT SWITCH 1  2  CIT Relay & Switch

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn