Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PKS605P Datasheet(PDF) 5 Page - FERYSTER Inductive Components Manufacturer

Part # PKS605P
Description  Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FERYSTER [FERYSTER Inductive Components Manufacturer]
Direct Link  http://www.feryster.com
Logo FERYSTER - FERYSTER Inductive Components Manufacturer

PKS605P Datasheet(HTML) 5 Page - FERYSTER Inductive Components Manufacturer

  PKS605P Datasheet HTML 1Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 2Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 3Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 4Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 5Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 6Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 7Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 8Page - FERYSTER Inductive Components Manufacturer PKS605P Datasheet HTML 9Page - FERYSTER Inductive Components Manufacturer Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
PKS603-607
Rev. I 02/07
5
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2749-050301
Figure 7. PeakSwitch Operation at Near Maximum Loading.
V
DRAIN
V
EN
CLOCK
D
DRAIN
I
MAX
PI-2667-090700
Figure 6. PeakSwitch Auto-Restart Operation.
the line under-voltage sense circuit prevents a
restart attempt until the AC input voltage is removed
(I
EN<25µA).Thentheinternalauto-restartlatchisresetand
thepowerMOSFETswitchingwillresumeoncetheACinput
voltageisappliedagain(I
EN>25µA).Thiseffectivelyprovides
alatchingshutdownfunctionwithACresetduringsuchafault
condition.
Whenabrownoutorlinesagoccurs,outputregulationmaybe
lostandtheEN/UVpinwillreceivenofeedback(itispulled
low).After30msofnofeedback,MOSFETswitchingisdisabled.
SincetheAClineisabnormallylow(I
EN<25µA)MOSFET
switchingremainsdisableduntilnormallinevoltageisrestored.
ThepowerMOSFETswitchingwillresumeoncetheACinput
returnstonormal(I
EN>25µA).Thiseffectivelydisablesthe
latchingshutdownfunctionduringsuchacondition.
Auto-Restart (UV resistor not present)
In the event of a fault condition such as output overload,
outputshortcircuitoranopenloopcondition,PeakSwitch
enters into auto-restart operation. An internal counter
clockedbytheoscillatorisreseteverytimetheEN/UVpin
is pulled low. When the EN/UV pin receives no feedback
for 30 ms, the power MOSFET switching is disabled for
5 seconds (150 ms for the first auto-restart event). The
auto-restart alternately enables and disables the switching
ofthepowerMOSFETuntilthefaultconditionisremoved.
Figure6illustratesauto-restartcircuitoperationinthepresence
ofanoutputshortcircuit.
Adaptive Switching Cycle On-time Extension
Adaptiveswitchingcycleon-timeextensionkeepstheMOSFET
onuntilcurrentlimitisreached,insteadofterminatingafter
theDC
MAXsignalgoeslow.Thison-timeextensionisadaptive
becauseitonlyoccursaftertheENABLEpinhasbeenhigh
forapproximately750µs,aconditionthatwouldariseifthe
0
5
10
Time (s)
0
5
0
10
100
200
300
VDRAIN
VDC-OUTPUT
peakoutputpowerwasrequiredinlowlineconditions.On-time
extensionisdisabledduringthestartupofthepowersupply.
PeakSwitch
Operation
PeakSwitch
devicesoperateinthecurrent-limitmode.When
enabled,theoscillatorturnsthepowerMOSFETonatthe
beginningofeachcycle.TheMOSFETisturnedoffwhenthe
currentrampsuptothecurrentlimitorwhentheDC
MAXlimit
isreached.Sincethehighestcurrentlimitlevelandfrequency
Figure 8. PeakSwitch Operation at Moderately Heavy Loading.


Similar Part No. - PKS605P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PKS605P POWERINT-PKS605P Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS605P POWERINT-PKS605P Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
More results

Similar Description - PKS605P

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
PKS603 POWERINT-PKS603 Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
PKS606PN POWERINT-PKS606PN Datasheet
1Mb / 24P
   Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
TNY380GN POWERINT-TNY380GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
List of Unclassifed Man...
TNY378GN ETC1-TNY378GN Datasheet
1Mb / 22P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
logo
Power Integrations, Inc...
TNY375-380 POWERINT-TNY375-380 Datasheet
1Mb / 20P
   Energy-Efficient, Off-Line Switcher With Enhanced Peak Power Performance
PKS606YN POWERINT-PKS606YN Datasheet
1Mb / 24P
   PeakSwitch짰 Family Enhanced, Energy-Efficient, Off-Line Switcher IC With Super Peak Power Performance
LNK353 POWERINT-LNK353 Datasheet
859Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
LNK353 POWERINT-LNK353_V01 Datasheet
1,001Kb / 16P
   Enhanced, Energy Efficient, Low Power Off-Line Switcher IC
February 2005
TNY263 POWERINT-TNY263 Datasheet
1Mb / 24P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
TNY264 POWERINT-TNY264 Datasheet
516Kb / 20P
   Enhanced, Energy Efficient, Low Power Off-line Switcher
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com