Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4934 Datasheet(PDF) 1 Page - MIC GROUP RECTIFIERS

Part # 1N4934
Description  FAST RECOVER RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4934 Datasheet(HTML) 1 Page - MIC GROUP RECTIFIERS

  1N4934 Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4934 Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FAST RECOVER RECTIFIER
VOLTAGE RANGE
50 to 600 Volts
1N4933 THRU 1N4937
CURRENT
1.0 Ampere
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
FEATURES
Low coat construction
Fast switching for high efficency.
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed:
260℃/10 secods/.375”(9.5mm)lead length at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case: Transfer molded plastic
Epoxy: UL94V-O rate flame retardant
Polarity: Color band denotes cathode end
Lead: Plated axial lead, solderable per MIL-STD-202E method 208C
Mounting position: Any
Weight: 0.012 ounce, 0.33 grams
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
OC ambient temperature unless otherwise specified
Single Phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
SYMBOLS
1N4933
1N4934
1N4935
1N4936 1N4937
UNITS
Maximum Repetitive Peak Reverse Voltage
VRRM
50
100
200
400
600
Volts
Maximum RMS Voltage
VRMS
35
70
140
280
420
Volts
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
Volts
Maximum Average Forward Rectified Current
0.375”(9.5mm) lead length at TA= 75℃
I(AV)
1.0
Amp
Peak Forward Surge Current
8.3mS single half sine wave superimposed on
rated load (JEDEC method)
IFSM
30
Amps
Maximum Instantaneous Forward Voltage @ 1.0A
VF
1.2
Volts
TA = 25℃
5.0
Maximum DC Reverse Current at Rated
DC Blocking Voltage
TA = 100℃
IR
100
µA
Maximum Reverse Recovery Time (Note 3) TJ=25℃
trr
200
ns
Maximum Reverse Recovery Current (NOTE 3)
IRM(REC)
2.0
Amps
Typical Junction Capacitance (Note 1)
CJ
15
pF
Typical Thermal Resistance (Note 2)
RθJA
50
/W
Operating Junction Temperature Range
TJ
(-55 to +150)
Storage Temperature Range
TSTG
(-55 to +150)
Notes:
1.Measured at 1.0MHz and Applied Reverse Voltage of 4.0Volits.
2 Thermal Resistance from junction to Ambient at .375”(9.5mm)lead length, P.C.board mounted.
3.Reverse Recovery Test Conditions:If=1.0A,Vr=30V,di/ dt=50A/us,Irr=10% Irr=10% Irm for the measurement of trr.
Dimensions in inches and (millimeters)
DIA.
.034(0.9)
.028(0.7)
DIA.
.107(2.7)
.080(2.0)
.205(5.2)
.160(4.2)
1.0(25.4)
MIN.
1.0(25.4)
MIN.
DO-41


Similar Part No. - 1N4934

ManufacturerPart #DatasheetDescription
logo
Semikron International
1N4934 SEMIKRON-1N4934 Datasheet
144Kb / 2P
   Fast silicon rectifier diodes
logo
Motorola, Inc
1N4934 MOTOROLA-1N4934 Datasheet
44Kb / 2P
   FAST RECOVERY RECTIFIERS 50-600 VOLTS 1.0 AMPERE
logo
List of Unclassifed Man...
1N4934 ETC2-1N4934 Datasheet
200Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Compact Technology Corp...
1N4934 CTC-1N4934 Datasheet
71Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
Dc Components
1N4934 DCCOM-1N4934 Datasheet
427Kb / 2P
   TECHNICAL SPECIFICATIONS OF FAST RECOVERY RECTIFIER
More results

Similar Description - 1N4934

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
FM4001 PFS-FM4001 Datasheet
184Kb / 2P
   FAST RECOVER RECTIFIER
FR601 PFS-FR601 Datasheet
163Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
FR151 MIC-FR151 Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
BY296 MIC-BY296 Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
BY296 PFS-BY296 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
logo
MIC GROUP RECTIFIERS
FR251 MIC-FR251 Datasheet
49Kb / 2P
   FAST RECOVER RECTIFIER
FR601S MIC-FR601S Datasheet
50Kb / 2P
   FAST RECOVER RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N4942 PFS-1N4942 Datasheet
169Kb / 2P
   FAST RECOVER RECTIFIER
FR151 PFS-FR151 Datasheet
164Kb / 2P
   FAST RECOVER RECTIFIER
FR301 PFS-FR301 Datasheet
163Kb / 2P
   FAST RECOVER RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com