Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4003G Datasheet(PDF) 2 Page - MIC GROUP RECTIFIERS

Part # 1N4003G
Description  AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIC [MIC GROUP RECTIFIERS]
Direct Link  http://www.cnmic.com
Logo MIC - MIC GROUP RECTIFIERS

1N4003G Datasheet(HTML) 2 Page - MIC GROUP RECTIFIERS

  1N4003G Datasheet HTML 1Page - MIC GROUP RECTIFIERS 1N4003G Datasheet HTML 2Page - MIC GROUP RECTIFIERS  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
E-mail: sales@cnmic.com
Web Site: www.cnmic.com
VOLTAGE RANGE
50 to 1000 Volts
1N4001G THRU 1N4007G
CURRENT
1.0 Ampere
1.2
1.0
0.2
RATING AND CHRACTERISTIC CURVES IN4001G THRU IN4007G
FIG.2-MAXIMUM NON-REPETITIVE PEAK
100
T
jmax
40
20
10
J
T =125
° C
CHARACTERISTICS
2
30
20
10
1
0
10
NUMBER OF CYCLES AT 60 Hz
8.3ms Single Half Sine-Wave
(JEDEC Method) T=
FORWARD SURGE CURRENT
FIG.4-TYPICAL REVERSE
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
150
175
125
75
100
0.8
0.6
50
0.4
0
0
Single Phase
Inductive Load
Half Wave 60Hz
Resistive or
25
20
FIG.3-TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
AMBIENT TEMPERATURE, (
° C)
J
T =25
° C
80
40
60
100
1.0
0.1
20
0.01
0
1.2
J
T =25
° C
1.0
0.8
0.6
0.4
1% Duty Cycle
Pulse Width=300us
1.0
0.1
0.01
100
10
INSTANTANEOUS FORWARD VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
0.1
REVERSE VOLTAGE,(V)
Vsig=50mVp-p
1.4
1.6
1.8
140
120
0.375(9.5mm) Lead Length
f=1MHz
T =25
° C
4
68
1 Cycle
60
10
1.0
10
100
20
PERCENT OF RATED PEAK
REVERSE VOLTAGE,(%)
J
1


Similar Part No. - 1N4003G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4003G PHILIPS-1N4003G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4003G CHENDA-1N4003G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4003G GULFSEMI-1N4003G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
Leshan Radio Company
1N4003G LRC-1N4003G Datasheet
51Kb / 2P
   1A GENERAL PURPOSE GPP DIODES
1N4003G LRC-1N4003G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results

Similar Description - 1N4003G

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
BY127 PFS-BY127_1 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
1N5400 MIC-1N5400 Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL251 PFS-RL251 Datasheet
164Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
BY127 MIC-BY127 Datasheet
45Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
EM513 MIC-EM513 Datasheet
50Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
RL251 MIC-RL251 Datasheet
46Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05G MIC-6A05G Datasheet
49Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
6A05S MIC-6A05S Datasheet
56Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
RL151 PFS-RL151 Datasheet
161Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
MIC GROUP RECTIFIERS
P600A MIC-P600A Datasheet
60Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1N5400 PFS-1N5400 Datasheet
158Kb / 2P
   AXIAL SILASTIC GUARD JUNCTION STANDARD RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com