Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74165N Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74165N
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74165N Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74165N Datasheet HTML 4Page - Texas Instruments SN74165N Datasheet HTML 5Page - Texas Instruments SN74165N Datasheet HTML 6Page - Texas Instruments SN74165N Datasheet HTML 7Page - Texas Instruments SN74165N Datasheet HTML 8Page - Texas Instruments SN74165N Datasheet HTML 9Page - Texas Instruments SN74165N Datasheet HTML 10Page - Texas Instruments SN74165N Datasheet HTML 11Page - Texas Instruments SN74165N Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
8
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
SN54LS165A and SN74LS165A switching characteristics, VCC = 5 V, TA = 25°C (see Figure 2)
PARAMETER†
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fmax
25
35
MHz
tPLH
LD
Any
RL =2kW CL =15 pF
21
35
ns
tPHL
LD
Any
RL = 2 kW, CL = 15 pF
26
35
ns
tPLH
CLK
Any
RL =2kW CL =15 pF
14
25
ns
tPHL
CLK
Any
RL = 2 kW, CL = 15 pF
16
25
ns
tPLH
H
QH
RL =2kW CL =15 pF
13
25
ns
tPHL
H
QH
RL = 2 kW, CL = 15 pF
24
30
ns
tPLH
H
QH
RL =2kW CL =15 pF
19
30
ns
tPHL
H
QH
RL = 2 kW, CL = 15 pF
17
25
ns
† fmax = maximum clock frequency, tPLH = propagation delay time, low-to-high-level output, tPHL = propagation delay time, high-to-low-level output
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.


Similar Part No. - SN74165N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74165N TI-SN74165N Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN74165N TI1-SN74165N Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN74165N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com