Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE1120TV Datasheet(PDF) 3 Page - Pletronics, Inc.

Part # PE1120TV
Description  PE11T Series 3.3 V PECL Clock Oscillators
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PLETRONICS [Pletronics, Inc.]
Direct Link  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

PE1120TV Datasheet(HTML) 3 Page - Pletronics, Inc.

  PE1120TV Datasheet HTML 1Page - Pletronics, Inc. PE1120TV Datasheet HTML 2Page - Pletronics, Inc. PE1120TV Datasheet HTML 3Page - Pletronics, Inc. PE1120TV Datasheet HTML 4Page - Pletronics, Inc. PE1120TV Datasheet HTML 5Page - Pletronics, Inc. PE1120TV Datasheet HTML 6Page - Pletronics, Inc. PE1120TV Datasheet HTML 7Page - Pletronics, Inc. PE1120TV Datasheet HTML 8Page - Pletronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
PE11T Series 3.3 V
PECL Clock Oscillators
January 2008
www.pletronics.com
425-776-1880
3
Electrical Specification for 3.30V +
_10% over the specified temperature range
Item
Min
Max
Unit
Condition
Frequency Range
180
750
MHz
Frequency Accuracy “45"
-50
+50
ppm
For all supply voltages, load changes, aging for 1
year, shock, vibration and temperatures
44"
-25
+25
20"
-20
+20
Output Waveform
PECL /ECL
Output High Level
2.255
-
volts
Referenced to Ground, V
CC = 3.30 V
0.955
-
volts
Referenced to termination voltage
-1.045
-
volts
Referenced to Vcc
Output Low Level
-
1.745
volts
Referenced to Ground, V
CC = 3.30 V
-
0.445
volts
Referenced to termination voltage
-
-1.555
volts
Referenced to Vcc
Output Symmetry
45
55
%
at 50% point of V
CC
(See load circuit)
Jitter
-
0.65
pS RMS
12 KHz to 20 MHz from the output frequency
-
6.0
pS RMS
10 Hz to 1 MHz from the output frequency
Output T
RISE and TFALL
-
0.3
nS
Vth is 20% and 80% of waveform
V
CC Supply Current (ICC)
-
100
mA
Enable/Disable Internal Pull-up
15
-
Kohm
to V
CC
V disable
-
0.6
volts
Referenced to pad 3
V enable
2.40
-
volts
Referenced to pad 3
Enable time
-
20
nS
Time for output to reach a logic state
Disable time
-
20
nS
Time for Out = Logic High and Out* = logic low
Start up time
-
10
mS
Time for output to reach specified frequency
Operating Temperature Range
-10
+70
oC
Standard Temperature Range
- 40
+85
oC
Extended Temperature Range
E” Option
Storage Temperature Range
-55
+125
oC
Specifications with Pad 2 E/D open circuit


Similar Part No. - PE1120TV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE1120BEV PLETRONICS-PE1120BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE1120BV PLETRONICS-PE1120BV Datasheet
93Kb / 5P
   B Package PECL Series
PE1120MEV PLETRONICS-PE1120MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE1120MV PLETRONICS-PE1120MV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
More results

Similar Description - PE1120TV

ManufacturerPart #DatasheetDescription
logo
Pletronics, Inc.
PE5545DEV PLETRONICS-PE5545DEV Datasheet
119Kb / 8P
   PE55D Series 3.3 V PECL Clock Oscillators
PE1145BEV PLETRONICS-PE1145BEV Datasheet
169Kb / 9P
   PE11B Series 3.3 V PECL Clock Oscillators
PE7745DEV PLETRONICS-PE7745DEV Datasheet
158Kb / 8P
   PE77D Series 3.3 V PECL Clock Oscillators
PE1145MEV PLETRONICS-PE1145MEV Datasheet
146Kb / 8P
   PE11M Series 3.3 V PECL Clock Oscillators
PE9945DEV PLETRONICS-PE9945DEV Datasheet
122Kb / 8P
   PE99D Series 3.3 V PECL Clock Oscillators
PE7845DEV PLETRONICS-PE7845DEV Datasheet
116Kb / 8P
   PE78D Series 3.3 V PECL Clock Oscillators
PE7645DEV PLETRONICS-PE7645DEV Datasheet
117Kb / 8P
   PE76D Series 3.3 V PECL Clock Oscillators
PE3345BEV PLETRONICS-PE3345BEV Datasheet
135Kb / 8P
   PE3XB Series 3.3 V PECL Clock Oscillators
PE3745TEV PLETRONICS-PE3745TEV Datasheet
124Kb / 8P
   PE37T Series 3.3 V PECL Clock Oscillators
PE9345DEV PLETRONICS-PE9345DEV Datasheet
139Kb / 8P
   PE93D Series 3.3 V PECL Clock Oscillators
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com