Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74165 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74165
Description  PARALLEL-LOAD 8-BIT SHIFT REGISTERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74165 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74165 Datasheet HTML 3Page - Texas Instruments SN74165 Datasheet HTML 4Page - Texas Instruments SN74165 Datasheet HTML 5Page - Texas Instruments SN74165 Datasheet HTML 6Page - Texas Instruments SN74165 Datasheet HTML 7Page - Texas Instruments SN74165 Datasheet HTML 8Page - Texas Instruments SN74165 Datasheet HTML 9Page - Texas Instruments SN74165 Datasheet HTML 10Page - Texas Instruments SN74165 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
SN54165, SN54LS165A, SN74165, SN74LS165A
PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SDLS062D – OCTOBER 1976 – REVISED FEBRUARY 2002
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
SN54LS165A
SN74LS165A
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.75
5
5.25
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.7
0.8
V
IOH
High-level output current
–0.4
–0.4
mA
IOL
Low-level output current
4
8
mA
fclock
Clock frequency
0
25
0
25
MHz
t (l k)
Width of clock input pulse (see Figure 2)
Clock high
15
15
ns
tw(clock)
Width of clock input pulse (see Figure 2)
Clock low
25
25
ns
t (l d)
Width of load input pulse
Clock high
25
25
ns
tw(load)
Width of load input pulse
Clock low
17
17
ns
tsu
Clock-enable setup time (see Figure 2)
30
30
ns
tsu
Parallel input setup time (see Figure 2)
10
10
ns
tsu
Serial input setup time (see Figure 2)
20
20
ns
tsu
Shift setup time (see Figure 2)
45
45
ns
th
Hold time at any input
0
0
ns
TA
Operating free-air temperature
–55
125
0
70
°C
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS†
SN54LS165A
SN74LS165A
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIK
VCC = MIN,
II = –18 mA
–1.5
–1.5
V
VOH
VCC = MIN,
VIH = 2 V,
VIL = MAX,
IOH = –0.4 mA
2.5
3.5
2.7
3.5
V
VOL
VCC = MIN
VIH =2V
VIL = MAX
IOL = 4 mA
0.25
0.4
0.25
0.4
V
VOL
VCC = MIN,
VIH = 2 V,
VIL = MAX
IOL = 8 mA
0.35
0.5
V
II
VCC = MAX,
VI = 7 V
0.1
0.1
mA
IIH
VCC = MAX,
VI = 2.7 V
20
20
µA
IIL
VCC = MAX,
VI = 0.4 V
–0.4
–0.4
mA
IOS§
VCC = MAX
–20
–100
–20
–100
mA
ICC
VCC = MAX,
See Note 4
18
30
18
30
mA
NOTE 4. With the outputs open, CLK INH and CLK at 4.5 V, and a clock pulse applied to SH/LD, ICC is measured first with the parallel inputs
at 4.5 V, then with the parallel inputs grounded.
† For conditions shown as MIN or MAX, use the appropriate values specified under recommended operating conditions.
‡ All typical values are at VCC = 5 V, TA = 25°C.
§ Not more than one output should be shorted at a time, and the duration of the short-circuit should not exceed one second.
The SN54165 and SN74165 devices
are obsolete and are no longer supplied.


Similar Part No. - SN74165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74165 TI-SN74165 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74165 TI1-SN74165 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN74165N TI-SN74165N Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN74165N TI1-SN74165N Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results

Similar Description - SN74165

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HC165 TI-SN54HC165 Datasheet
579Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165 TI-SN54LV165 Datasheet
168Kb / 8P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI-SN54HC166_07 Datasheet
636Kb / 19P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54LV165A_101 TI-SN54LV165A_101 Datasheet
730Kb / 22P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54166 TI-SN54166 Datasheet
646Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54HC166 TI1-SN54HC166_16 Datasheet
1Mb / 34P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_07 Datasheet
342Kb / 15P
[Old version datasheet]   PARALLEL-LOAD-8-BIT SHIFT REGISTERS
SN54HC165 TI-SN54HC165_10 Datasheet
832Kb / 24P
[Old version datasheet]   8-BIT PARALLEL-LOAD SHIFT REGISTERS
SN54165 TI-SN54165_08 Datasheet
371Kb / 15P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
SN54165 TI1-SN54165_15 Datasheet
755Kb / 16P
[Old version datasheet]   PARALLEL-LOAD 8-BIT SHIFT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com