Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74150 Datasheet(PDF) 11 Page - Texas Instruments

Part # SN74150
Description  DATA SELECTORS/MULTIPLEXERS
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74150 Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74150 Datasheet HTML 7Page - Texas Instruments SN74150 Datasheet HTML 8Page - Texas Instruments SN74150 Datasheet HTML 9Page - Texas Instruments SN74150 Datasheet HTML 10Page - Texas Instruments SN74150 Datasheet HTML 11Page - Texas Instruments SN74150 Datasheet HTML 12Page - Texas Instruments SN74150 Datasheet HTML 13Page - Texas Instruments SN74150 Datasheet HTML 14Page - Texas Instruments SN74150 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
SN74S151NSR
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S151NSRE4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SN74S151NSRE4
ACTIVE
SO
NS
16
2000 Green (RoHS &
no Sb/Br)
CU NIPDAU
Level-1-260C-UNLIM
SNJ54150J
ACTIVE
CDIP
J
24
1
TBD
Call TI
Level-NC-NC-NC
SNJ54150J
ACTIVE
CDIP
J
24
1
TBD
Call TI
Level-NC-NC-NC
SNJ54150W
ACTIVE
CFP
W
24
1
TBD
Call TI
Level-NC-NC-NC
SNJ54150W
ACTIVE
CFP
W
24
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS151FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS151FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS151J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS151J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS151W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54LS151W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S151FK
ACTIVE
LCCC
FK
20
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S151J
ACTIVE
CDIP
J
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S151W
ACTIVE
CFP
W
16
1
TBD
Call TI
Level-NC-NC-NC
SNJ54S15FK
OBSOLETE
LCCC
FK
20
TBD
Call TI
Call TI
SNJ54S15J
OBSOLETE
CDIP
J
14
TBD
Call TI
Call TI
SNJ54S15W
OBSOLETE
CFP
W
14
TBD
Call TI
Call TI
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2)
Eco
Plan
-
The
planned
eco-friendly
classification:
Pb-Free
(RoHS)
or
Green
(RoHS
&
no
Sb/Br)
-
please
check
http://www.ti.com/productcontent for the latest availability information and additional product content details.
TBD: The Pb-Free/Green conversion plan has not been defined.
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean Pb-Free (RoHS compatible), and free of Bromine (Br) and Antimony (Sb) based flame
retardants (Br or Sb do not exceed 0.1% by weight in homogeneous material)
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDEC industry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
17-Oct-2005
Addendum-Page 3


Similar Part No. - SN74150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74150 TI-SN74150 Datasheet
1Mb / 32P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN74150J TI-SN74150J Datasheet
1Mb / 25P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN74150N TI-SN74150N Datasheet
1Mb / 32P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN74150N TI-SN74150N Datasheet
1Mb / 25P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN74150NE4 TI-SN74150NE4 Datasheet
1Mb / 32P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
More results

Similar Description - SN74150

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74150J TI-SN74150J Datasheet
1Mb / 25P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
Fairchild Semiconductor
DM74150 FAIRCHILD-DM74150 Datasheet
47Kb / 4P
   Data Selectors/Multiplexers
logo
Texas Instruments
SN54150 TI1-SN54150_16 Datasheet
1Mb / 24P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
SN54150 TI-SN54150_07 Datasheet
1Mb / 32P
[Old version datasheet]   DATA SELECTORS/MULTIPLEXERS
logo
NXP Semiconductors
74F157A PHILIPS-74F157A Datasheet
84Kb / 10P
   Data selectors/multiplexers
1996 Mar 12
logo
National Semiconductor ...
54150 NSC-54150 Datasheet
182Kb / 10P
   Data Selectors/Multiplexers
DM54LS251 NSC-DM54LS251 Datasheet
135Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
54LS253 NSC-54LS253 Datasheet
158Kb / 6P
   TRI-STATE Data Selectors/Multiplexers
DM7123 NSC-DM7123 Datasheet
88Kb / 3P
   Quad 2-Input DATA SELECTORS / MULTIPLEXERS
logo
Integral Corp.
IN74HC158A INTEGRAL-IN74HC158A Datasheet
147Kb / 5P
   QUAD 2-INPUT DATA SELECTORS/MULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com