Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59141-3-U-05C Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59141-3-U-05C
Description  MINI FLANGE MOUNT SERIES
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59141-3-U-05C Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59141-3-U-05C Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Table3 ±(.393) 10.00
6.35 Nom.
(.118)
(.236)
(Not including encapsulant)
(.551)
23.00
(.250)
(.906)
14.00
6.00
3.00
Slot (.126x.150)
3.20x3.81 Typ.
3.20x3.81 Typ.
Slot (.126x.150)
(.118)
3.00
6.00
(.236)
(.551)
14.00
(.906)
23.00
(Cable 24AWG 7/32 PVC
105°C UL1430 / ULl569)
Benefits
Applications
Actuator
Sensor (2 wire versions)
www.hamlin.com
Contact Rating
Power
Watts - max
10
10
5
5
Voltage
Switching
Vdc - max.
200
300
175
175
Breakdown
Vdc - min.
250
450
200
200
Current
Switching
A - max.
0.5
0.5
0.25
0.25
Carry
A - max.
1.2
1.5
1.5
1.5
Resistance
Contact, Initial
Ohms - max.
0.2
0.2
0.2
0.2
Insulation
Ohms - min.
1010
1010
10 9
10 9
Temperature
Operating
°C
-40 to +105
-20 to +105
-40 to +105
-40 to +105
Storage
°C
-65 to + 105
-65 to +105
-65 to +105
-65 to +105
Time
Operate
ms - max.
1.0
1.0
3.0
3.0
Release
ms - max.
1.0
1.0
3.0
3.0
Capacitance
Contact
pF - typ.
0.3
0.2
0.3
0.3
Shock
11ms ½ sine
G - max.
100
100
50
50
Vibration
50-2000 Hz.
G - max.
30
30
30
30
TABLE 1
Switch Type
DIMENSIONS (in) mm
CUSTOMER OPTIONS - Switching Specifications
TABLE 2 Sensitivity
Activate distances (d) are
approximate using Hamlin
57140-000 actuator as illustrated.
Switch AT before modification
TABLE 3 Cable Length
Contact Type
Normally Open
Normally Open High V.
Change Over
Normally Closed
Select Option
1
2
3
4
d
S
T
U
V
Pull-In Activate Pull-In Activate Pull-In Activate Pull-In Activate
AT
Distance
AT
Distance
AT
Distance
AT
Distance
(in)mm
(in)mm
(in)mm
(in)mm
1
12-18
(.453)
(.374)
(.315)
(.295)
2
11.5
9.5
8.0
7.5
3
(.413)
(.354)
(.295)
4
10.5
9.0
7.5
Select
Option
17-23
22-28
27-33
20-25
25-30
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0) 1379 649700 Fax: +44 (0) 1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany
Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 Fax: +33 (0) 1 4686 6798 Email: sales.fr@hamlin.com
15-20
X
XX
X
59140/59141
X
Cable Length
Switch Type
Sensitivity
Termination
05
(39.37) 1,000
Series 59140/59141
04
(29.53) 750
02
(11.81) 300
03
(19.69) 500
01
(3.94) 100
Select Option
Length(in)mm
TABLE 4 Termination (2 wire versions shown)
Select Option
Description
Diagram
C
6.35mm fastons
D
AMP MTE 2.54mm
E
JST XHP 2.5mm
ORDERING INFORMATION
A
Tinned leads
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specifications
SCHEMATICS
Switch Types 1 & 2
Switch Type 3
Switch Type 4
Black
Blue
White
Black
Black
Black
Black
Features
Magnetically operated position sensor
Matching actuator available
Compact size requires only 3.2cm²
board space
Screw down or adhesive mounting
Customer defined sensitivity
Choice of cable length and connector
Leads can exit from LH or RH side
® File E61760(N)
59140 and 59141 MINI FLANGE MOUNT SERIES
Table 4 (A, C, D, E or F)
Table 3 (01, 02, 03, 04 or 05)
Table 2 (S, T, U or V)
Table 1 (1, 2, 3 or 4)
Range
(d)
Range
(d)
Range
(d)
Range
(d)
59141 leads exit opposite side
Note: 59140 shown
Issue:AB 05/02/09 DCR:B6092
F
Untinned leads
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic
or aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to contamination
Position and limit sensing
Security system switch
Linear actuators
Door switch
DETAILS ON THIS DATA SHEET ARE PROVIDED FOR INFORMATION PURPOSES ONLY &
SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE
Product performance may be affected by the application that the part is used for.
Upon request Hamlin will assist purchasers by providing information specific to a particular application.
Hamlin disclaims all liability whatsoever for any purchaser’s reliance upon the information
contained in this data sheet without further consultation with Hamlin’s authorised representatives.


Similar Part No. - 59141-3-U-05C

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59141-3-U-02-A LITTELFUSE-59141-3-U-02-A Datasheet
598Kb / 3P
   Reed Sensors
59141-3-U-02-E LITTELFUSE-59141-3-U-02-E Datasheet
598Kb / 3P
   Reed Sensors
59141-3-U-02-F LITTELFUSE-59141-3-U-02-F Datasheet
598Kb / 3P
   Reed Sensors
More results

Similar Description - 59141-3-U-05C

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
57140-000 HAMLIN-57140-000 Datasheet
205Kb / 1P
   59140 and 59141 MINI FLANGE MOUNT SERIES
55100-2M-01-A HAMLIN-55100-2M-01-A Datasheet
160Kb / 1P
   Mini Flange Mount Hall Effect Sensor Features and Benefits
logo
Glenair, Inc.
900-012NF225-1P1 GLENAIR-900-012NF225-1P1 Datasheet
288Kb / 2P
   Receptacle, Flange Mount
900-010NF25-1P1 GLENAIR-900-010NF25-1P1 Datasheet
244Kb / 1P
   Receptacle, Flange Mount
947-101 GLENAIR-947-101 Datasheet
181Kb / 1P
   Flange Mount Environmental
230-041 GLENAIR-230-041 Datasheet
303Kb / 2P
   Square Flange Mount
logo
M/A-COM Technology Solu...
MAAP-010168 MA-COM-MAAP-010168_15 Datasheet
737Kb / 7P
   Ceramic Flange Mount Package
logo
Glenair, Inc.
237-133 GLENAIR-237-133 Datasheet
273Kb / 2P
   Square Flange Mount Receptacle
logo
M/A-COM Technology Solu...
MAAP-010168 MA-COM-MAAP-010168 Datasheet
737Kb / 7P
   Ceramic Flange Mount Package
logo
Glenair, Inc.
MS85049-96-3-A GLENAIR-MS85049-96-3-A Datasheet
225Kb / 1P
   Flange Mount Receptacle Connector
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com