Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1101A1BQEA Datasheet(PDF) 4 Page - CIT Relay & Switch

Part No. 1101A1BQEA
Description  CIT SWITCH
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

1101A1BQEA Datasheet(HTML) 4 Page - CIT Relay & Switch

  1101A1BQEA Datasheet HTML 1Page - CIT Relay & Switch 1101A1BQEA Datasheet HTML 2Page - CIT Relay & Switch 1101A1BQEA Datasheet HTML 3Page - CIT Relay & Switch 1101A1BQEA Datasheet HTML 4Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
www.citswitch.com
page
26
phone – 763.535.2339 fax – 763.535.2194
1000
TERMINAL OPTIONS
S20 = PC Pins with Support Bracket (Single Pole)
S20 = PC Pins with Support Bracket (Double Pole)
CONTACT OPTIONS
Designator Contact Material
Terminal Material
Electrical Ratings
Q
Silver Plating
Silver Plating
5A @ 120VAC, 28VDC; 2A @ 250VAC
R
Gold over Nickel Plating
Gold over Nickel Plating
.4 VA max @ 20VAC or VAC max
G
Gold over Silver Plating
Gold over Silver Plating
.4 VA max @ 20VAC or VAC max or
5A @ 120VAC, 28VDC; 2A @ 250VAC
MOUNTING OPTIONS
For A1, A2, A3, & A4
Switch Functions 1 & 2
For D1
Switch Functions 1 & 2
For A1, A2, A3, & A4
Switch Function 3
For D1
Switch Function 3
A = No Mounting Ears
A = No Mounting Ears
A = No Mounting Ears
A = No Mounting Ears
For A1, A2, A3, & A4
Switch Functions 1 & 2
For D1
Switch Functions 1 & 2
For A1, A2, A3, & A4
Switch Function 3
For D1
Switch Function 3
B = Mounting Ears
B = Mounting Ears
B = Mounting Ears
B = Mounting Ears


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
820LRB2E22RG CIT SWITCH 1  2  3  CIT Relay & Switch
NLAS9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
DIM600XSM45-F000 Single Switch IGBT Module 1  2  3  4  5  More Dynex Semiconductor
AD8190 2:1 HDMI/DVI Switch with Equalization 1  2  3  4  5  More Analog Devices
IRFB4228PBF PDP SWITCH 1  2  3  4  5  More International Rectifier
UPG2155TB NEC’s L-BAND 4 W HIGH POWER SPDT SWITCH 1  2  3  4  5  More California Eastern Labs
FSTU32X800 20-Bit Bus Switch with Precharged Outputs and -2V Undershoot Protection 1  2  3  4  5  Fairchild Semiconductor
AL103 8 PORT LOW COST 10/100 SWITCH 1  2  3  4  5  More List of Unclassifed Manufacturers
PM2602 RFIC RF SWITCH 800 TO 2500 MHZ OPERATION 1  2  3  4  List of Unclassifed Manufacturers
STG3682 Low voltage high bandwidth dual SPDT switch 1  2  3  4  5  More STMicroelectronics

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn