Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HE4803 Datasheet(PDF) 2 Page - High Voltage Power Solutions, Inc.

Part # HE4803
Description  SECONDARY SURGE "LIGHTNING" ARRESTER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HVPSI [High Voltage Power Solutions, Inc.]
Direct Link  http://www.hvpsi.com
Logo HVPSI - High Voltage Power Solutions, Inc.

HE4803 Datasheet(HTML) 2 Page - High Voltage Power Solutions, Inc.

  HE4803 Datasheet HTML 1Page - High Voltage Power Solutions, Inc. HE4803 Datasheet HTML 2Page - High Voltage Power Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOOKUP DIAGRAM
ELECTRICAL CHARACTERISTICS
PART
NUMBER
SERVICE
VOLTAGE
AC
PHASE
WIRE
CONFIGURATION
TYPICAL CLAMP VOLTAGE
8 X 20uS Current Wave (Line to Ground)
1.5kA
5kA
10kA
20kA
25kA
HE4803
277/480V
550V Max
(rms)
THREE
Line 1 (Black)
Line 2 (Black)
Line 3 (Black)
Neutral/Ground (White)
1450V(1)
1550V(2)
1650V(1)
2000V(2)
1850V(1)
2450V(2)
2200V(1)
3400V(2)
2400V(1)
3950V(2)
(1) 1" leads (2) 18" leads
ARCHITECT and ENGINEERS
SUGGESTED SPECIFICATIONS
SPECIFICATIONS and STANDARDS
HIGH VOLTAGE POWER SOLUTIONS, INC. reserves the right to make changes in these
specifications at any time and without notice in order to supply the best product
possible.
© 2002 • HIGH VOLTAGE POWER SOLUTIONS, INC. • Printed in U.S.A.
PO Box 700968 ● Dallas TX 75370
Ph (972) 248-7691 ● Fax (972) 381-9998
TECHNOLOGY: Metal Oxide Varistors (MOV) each
line to neutral/ground.
PEAK SURGE CURRENT: (8x20uS) 25,000 Amps
M C O V: 550 VAC rms (Line to Neutral).
ENCLOSURE: Black molded flame retardant plastic
housing with 1/2" x 20 threaded nipple. The
housing is weatherproof and UV resistant.
ENCAPSULATION: UL component recognized epoxy
potting material.
WIRING: Four 12 gauge stranded color coded leads.
Black for each line
White for neutral/ground
OPERATION TEMPERATURE: -40
° C to +85° C
RESPONSE TIME: <5ns
CURRENT DRAIN: <100
μA
UNIT WEIGHT: 8.5 ounces
SHIPPING WEIGHT:
per arrester 9.5 ounces
per carton (12) 7.5 lbs.
per case (48) 31 lbs.
ANSI: C62.11-1987
UL: OWHX Secondary Surge Arrester
The three phases, four wire Secondary Surge Arrester
for 277/480 volt AC service or machine equipment shall
be a High Voltage Power Systems Model HE4803. The
lightning arrester shall be of a single MOV per pole
design and provide protection for Category C Transient
Surges as defined in ANSI C62.41 (Formerly IEEE Std.
587-1980) without degradation of the components. The
surge protector shall protect between each line and
neutral/ground conductor. The lightning arrester shall be
UL listed as a Secondary Surge Arrester UL category
OWHX. The enclosure shall be molded of fire retardant
plastic. The unit will be sealed with a UL component
recognized epoxy potting compound to minimize
moisture and pollution intrusion. A one-half inch conduit
nipple and metal lock nut shall be provided. 18 inches,
stranded 12 gauge color coded leads shall be provided.
The arrester shall carry a one year warrantee.
HE4803
SECONDARY SURGE "LIGHTNING" ARRESTER
277/480-VAC 3
∅, 4W


Similar Part No. - HE4803

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
HE48-4-A++ SLPOWER-HE48-4-A+ Datasheet
720Kb / 7P
   Commercial/Medical International Linears
HE48-4-A+G SLPOWER-HE48-4-A+G Datasheet
374Kb / 7P
   DC Power Supplies
logo
Power-One
HE48-4-AG POWER-ONE-HE48-4-AG Datasheet
478Kb / 9P
   Linear Power Supplies Data Sheet
logo
BOWEI Integrated Circui...
HE483 BOWEI-HE483 Datasheet
81Kb / 1P
   Broadband VCO
HE484 BOWEI-HE484 Datasheet
80Kb / 1P
   Broadband VCO
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com