Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SN5410 Datasheet(PDF) 7 Page - Texas Instruments

Part No. SN5410
Description  TRIPLE 3-INPUT POSITIVE-NAND GATES
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN5410 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN5410 Datasheet HTML 3Page - Texas Instruments SN5410 Datasheet HTML 4Page - Texas Instruments SN5410 Datasheet HTML 5Page - Texas Instruments SN5410 Datasheet HTML 6Page - Texas Instruments SN5410 Datasheet HTML 7Page - Texas Instruments SN5410 Datasheet HTML 8Page - Texas Instruments SN5410 Datasheet HTML 9Page - Texas Instruments SN5410 Datasheet HTML 10Page - Texas Instruments SN5410 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
28-Feb-2005
Addendum-Page 2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
SN54ALS10A TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  More Texas Instruments
SN54F10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
54ACT11010 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54HC10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN5412 TRIPLE 3-INPUT POSITIVE-NAND GATES WITH COLLECTOR OUTPUTS 1  2  3  4  5  More Texas Instruments
SN54AC10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54ACT10 TRIPLE 3-INPUT POSITIVE-NAND GATES 1  2  3  4  5  Texas Instruments
SN54ACT11 TRIPLE 3-INPUT POSITIVE-AND GATES 1  2  3  4  5  Texas Instruments
HD74LS27 Triple 3-input Positive NOR Gates 1  2  3  4  5  Hitachi Semiconductor
DM7427 DM7427 Triple 3-Input NOR Gates 1  2  3  4  National Semiconductor (TI)

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn