Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRF840 Datasheet(PDF) 2 Page - Dc Components

Part # IRF840
Description  TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

IRF840 Datasheet(HTML) 2 Page - Dc Components

  IRF840 Datasheet HTML 1Page - Dc Components IRF840 Datasheet HTML 2Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Drain-Source Breakdown Voltage
V(BR)DSS
500
-
-
V
VGS=0V, ID=250
µA
Drain-Source Leakage Current
IDSS
-
-
0.25
mA
VDS=500V, VGS=0V
-
-
1.0
VDS=400V, VGS=0V, TJ=125oC
Gate-Source Forward Leakage Current
IGSSF
-
-
100
nA
VGSF=20V, VDS=0V
Gate-Source Reverse Leakage Current
IGSSR
-
-
-100
VGSR=-20V, VDS=0V
Gate Threshold Voltage
VGS(th)
2.0
-
4.0
V
VDS=VGS, ID=250
µA
Static Drain-Source On-Resistance
RDS(on)
-
0.6
0.8
VGS=10V, ID=4.0A(Note)
Forward Transconductance
gFS
4.0
-
-
S
VDS= 15V, ID=4.0A(Note)
Input Capacitance
Ciss
-
1450
1680
Output Capacitance
Coss
-
190
246
pF
VDS=25V, VGS=0V, f=1.0MHz
Reverse Transfer Capacitance
Crss
-
45.4
144
Turn-On Delay Time
td(on)
-
15
50
Rise Time
tr
-
33
72
ns
VDD=250V, ID=8.0A,
Turn-Off Delay Time
td(off)
-
40
150
VGS=10V, RG=9.1
Ω(Note)
Fall Time
tf
-
32
60
Total Gate Charge
Qg
-
40
64
Gate-Source Charge
Qgs
-
8.0
-
nC
VDS=400V, ID=8.0A, VGS=10V(Note)
Gate-Drain Charge
Qgd
-
17
-
Internal Drain Inductance
LD
-
4.5
-
nH
Measured from the drain lead 0.25"
from package to center of die
Internal Source Inductance
LS
-
7.5
-
nH
Measured from the source lead 0.25"
from package to source bond pad
Diode Forward Voltage
VSD
-
1.2
2.0
V
IS=8.0A, VGS=0V(Note)
Reverse Recovery Time
trr
-
320
-
ns
IF=8.0A, di/dt=100A/
µs(Note)
Forward Turn-On Time
ton
Intrinsic turn-on time is neglegible and dominated by inductance LS+LD
Thermal Resistance
Junction to Case
R
θJC
-
-
1.0
o
C/W
-
Junction to Ambient
R
θJA
-
-
62.5
Electrical Characteristics (TJ = 25oC unless otherwise specified)
Note: Pulse Test: Pulse Width
300
µs, Duty Cycle
2%
R
DC COMPONENTS CO., LTD.
IRF840
N-Channel Power MOSFET


Similar Part No. - IRF840

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
IRF840 MOTOROLA-IRF840 Datasheet
146Kb / 2P
   N-CHANNEL ENHANCEMENT-MODE SILICON GATE TMOS POWER FIELD EFFECT TRANSISTOR
logo
Vishay Siliconix
IRF840 VISHAY-IRF840 Datasheet
135Kb / 8P
   Power MOSFET
S-81290-Rev. B, 16-Jun-08
logo
List of Unclassifed Man...
IRF840 ETC2-IRF840 Datasheet
2Mb / 31P
   SEMICONDUCTORS
logo
NXP Semiconductors
IRF840 PHILIPS-IRF840 Datasheet
60Kb / 7P
   PowerMOS transistor Avalanche energy rated
March 1999 Rev 1.000
logo
Suntac Electronic Corp.
IRF840 SUNTAC-IRF840 Datasheet
132Kb / 5P
   POWER MOSFET
More results

Similar Description - IRF840

ManufacturerPart #DatasheetDescription
logo
Dc Components
IRF630 DCCOM-IRF630 Datasheet
206Kb / 2P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF740 DCCOM-IRF740 Datasheet
209Kb / 2P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF640 DCCOM-IRF640 Datasheet
206Kb / 2P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF730 DCCOM-IRF730 Datasheet
206Kb / 2P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
IRF830 DCCOM-IRF830 Datasheet
205Kb / 2P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL POWER MOSFET
2N7002 DCCOM-2N7002 Datasheet
228Kb / 1P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
2N7000 DCCOM-2N7000 Datasheet
216Kb / 1P
   TECHNICAL SPECIFICATIONS OF N-CHANNEL SMALL SIGNAL MOSFET
6A05 DCCOM-6A05 Datasheet
449Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
6A05M DCCOM-6A05M Datasheet
479Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
BY251 DCCOM-BY251 Datasheet
413Kb / 2P
   TECHNICAL SPECIFICATIONS OF SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com