Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SD880 Datasheet(PDF) 1 Page - Dc Components

Part # 2SD880
Description  TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DCCOM [Dc Components]
Direct Link  http://www.dccomponents.com
Logo DCCOM - Dc Components

2SD880 Datasheet(HTML) 1 Page - Dc Components

  2SD880 Datasheet HTML 1Page - Dc Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2SD880
DISCRETE SEMICONDUCTORS
R
DC COMPONENTS CO., LTD.
TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
Pinning
1 = Base
2 = Collector
3 = Emitter
Description
Designed for low frequency power amplifier applications.
TO-220AB
Dimensions in inches and (millimeters)
.625(15.87)
.570(14.48)
.562(14.27)
.500(12.70)
.055(1.39)
.045(1.15)
.185(4.70)
.173(4.40)
.405(10.28)
.380(9.66)
.295(7.49)
.220(5.58)
.350(8.90)
.330(8.38)
.640
(16.25)
Typ
.055(1.40)
.045(1.14)
.037(0.95)
.030(0.75)
.100
(2.54)
Typ
.024(0.60)
.014(0.35)
Φ.151
Φ(3.83)
Typ
1 2 3
Characteristic
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
60
V
Emitter-Base Voltage
VEBO
7
V
Collector Current
IC
3
A
Base Current
IB
0.5
A
Total Power Dissipation
PD
1.5
W
Total Power Dissipation(TC=25oC)
PD
30
W
Junction Temperature
TJ
+150
o
C
Storage Temperature
TSTG
-55 to +150
o
C
Absolute Maximum Ratings(TA=25oC)
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Collector-Base Breakdown Volatge
BVCBO
60
-
-
V
IC=1mA, IE=0
Collector-Emitter Breakdown Voltage
BVCEO
60
-
-
V
IC=50mA, IB=0
Collector Cutoff Current
ICBO
-
-
0.1
mA
VCB=60V, IE=0
Emitter Cutoff Current
IEBO
-
-
0.1
mA
VEB=7V, IC=0
Collector-Emitter Saturation Voltage(1)
VCE(sat)
-
-
1
V
IC=3A, IB=0.3A
Base-Emitter On Voltage(1)
VBE(on)
-
-
1
V
IC=0.5A, VCE=5V
DC Current Gain(1)
hFE
60
-
300
-
IC=0.5A, VCE=5V
Transition Frequency
fT
-
3
-
MHz
IC=0.5A, VCE=5V
Electrical Characteristics
(Ratings at 25oC ambient temperature unless otherwise specified)
(1)Pulse Test: Pulse Width
380
µs, Duty Cycle 2%
Rank
O
Y
GR
Range
60~120
100~200
150~300
Classification of hFE


Similar Part No. - 2SD880

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SD880 MOSPEC-2SD880 Datasheet
131Kb / 3P
   POWER TRANSISTORS(3A,60V,30W)
logo
Foshan Blue Rocket Elec...
2SD880 FOSHAN-2SD880 Datasheet
1Mb / 6P
   Silicon NPN transistor in a TO-220 Plastic Package.
logo
Wing Shing Computer Com...
2SD880 WINGS-2SD880 Datasheet
28Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR(LOW FREQUENCY POWER AMPLIFIER)
logo
Jiangsu Changjiang Elec...
2SD880 JIANGSU-2SD880 Datasheet
371Kb / 2P
   TO-220-3L Plastic-Encapsulate Transistors
logo
Unisonic Technologies
2SD880 UTC-2SD880 Datasheet
118Kb / 3P
   NPN EPITAXIAL TRANSISTOR
More results

Similar Description - 2SD880

ManufacturerPart #DatasheetDescription
logo
Dc Components
MPSA42M DCCOM-MPSA42M Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC8050S DCCOM-DC8050S Datasheet
240Kb / 2P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9014 DCCOM-DC9014 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXT3904 DCCOM-DXT3904 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DXTA44 DCCOM-DXTA44 Datasheet
237Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
DC9013 DCCOM-DC9013 Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
BD237D DCCOM-BD237D Datasheet
218Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2N3773 DCCOM-2N3773 Datasheet
234Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SC1959 DCCOM-2SC1959 Datasheet
214Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD667A DCCOM-2SD667A Datasheet
215Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
2SD965 DCCOM-2SD965 Datasheet
213Kb / 1P
   TECHNICAL SPECIFICATIONS OF NPN EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com