Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1120 Datasheet(PDF) 2 Page - Savantic, Inc.

Part No. 2SA1120
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA1120 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SA1120 Datasheet HTML 1Page - Savantic, Inc. 2SA1120 Datasheet HTML 2Page - Savantic, Inc. 2SA1120 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SA1120
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-10mA ;IB=0
-35
V
VCEsat
Collector-emitter saturation voltage
IC=-4A; IB=-0.1A
-1.0
V
VBE
Base-emitter on voltage
IC=-4A ; VCE=-2V
-1.5
V
ICBO
Collector cut-off current
VCB=-35V; IE=0
-0.1
mA
IEBO
Emitter cut-off current
VEB=-6V; IC=0
-0.1
mA
hFE-1
DC current gain
IC=-500mA ; VCE=-2V
200
hFE-2
DC current gain
IC=-4A ; VCE=-2V
70
Cob
Output capacitance
IE=0 ; VCB=-10V f=1MHz
62
pF
fT
Transition frequency
IC=-500mA ; VCE=-2V
170
MHz


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
2SB1343 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.
2SB1373 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.
2SB1430 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.
2SB1548 Silicon PNP Power Transistors 1  2  3  4  Savantic, Inc.
2SB1605 Silicon PNP Power Transistors 1  2  3  4  Savantic, Inc.
2N6029 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.
2N6285 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.
MJ15023 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.
BD708 Silicon PNP Power Transistors 1  2  3  Savantic, Inc.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn