Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG3524NSRE4 Datasheet(PDF) 4 Page - Texas Instruments

Part # SG3524NSRE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG3524NSRE4 Datasheet(HTML) 4 Page - Texas Instruments

  SG3524NSRE4 Datasheet HTML 1Page - Texas Instruments SG3524NSRE4 Datasheet HTML 2Page - Texas Instruments SG3524NSRE4 Datasheet HTML 3Page - Texas Instruments SG3524NSRE4 Datasheet HTML 4Page - Texas Instruments SG3524NSRE4 Datasheet HTML 5Page - Texas Instruments SG3524NSRE4 Datasheet HTML 6Page - Texas Instruments SG3524NSRE4 Datasheet HTML 7Page - Texas Instruments SG3524NSRE4 Datasheet HTML 8Page - Texas Instruments SG3524NSRE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
error amplifier section
PARAMETER
TEST
SG2524
SG3524
UNIT
PARAMETER
TEST
CONDITIONS†
MIN
TYP‡
MAX
MIN
TYP‡
MAX
UNIT
VIO
Input offset voltage
VIC = 2.5 V
0.5
5
2
10
mV
IIB
Input bias current
VIC = 2.5 V
2
10
2
10
µA
Open-loop voltage amplification
72
80
60
80
dB
VICR
Common-mode input voltage range
TA = 25°C
1.8 to
3.4
1.8 to
3.4
V
CMMR
Common-mode rejection ratio
70
70
dB
B1
Unity-gain bandwidth
3
3
MHz
Output swing
TA = 25°C
0.5
3.8
0.5
3.8
V
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for temperature coefficients, are at TA = 25°C
output section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
V(BR)CE
Collector-emitter breakdown voltage
40
V
Collector off-state current
VCE = 40 V
0.01
50
µA
Vsat
Collector-emitter saturation voltage
IC = 50 mA
1
2
V
VO
Emitter output voltage
VC = 20 V,
IE = –250 µA
17
18
V
tr
Turn-off voltage rise time
RC = 2 kΩ
0.2
µs
tf
Turn-on voltage fall time
RC = 2 kΩ
0.1
µs
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for temperature coefficients, are at TA = 25°C.
comparator section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
Maximum duty cycle, each output
45%
V
Inp t threshold oltage at COMP
Zero duty cycle
1
V
VIT
Input threshold voltage at COMP
Maximum duty cycle
3.5
V
IIB
Input bias current
–1
µA
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
‡ All typical values, except for temperature coefficients, are at TA = 25°C.
current limiting section
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
VI
Input voltage range (either input)
–1 to1
V
V(SENSE)
Sense voltage at TA = 25°C
V(IN ) V(IN ) ≥ 50 mV V(COMP) 2V
175
200
225
mV
Temperature coefficient of sense voltage
V(IN+) – V(IN–) ≥ 50 mV, V(COMP) = 2 V
0.2
mV/
°C
‡ All typical values, except for temperature coefficients, are at TA = 25°C.
total device
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
Ist
Standby current
VCC = 40 V, IN–, CURR LIM+, CT, GND, COMP, EMIT 1, EMIT 2 grounded,
IN+ at 2 V, All other inputs and outputs open
8
10
mA
‡ All typical values, except for temperature coefficients, are at TA = 25°C.


Similar Part No. - SG3524NSRE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG3524NSRE4 TI-SG3524NSRE4 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG3524NSRE4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com