Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA1078 Datasheet(PDF) 2 Page - Savantic, Inc.

Part No. 2SA1078
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA1078 Datasheet(HTML) 2 Page - Savantic, Inc.

  2SA1078 Datasheet HTML 1Page - Savantic, Inc. 2SA1078 Datasheet HTML 2Page - Savantic, Inc. 2SA1078 Datasheet HTML 3Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon PNP Power Transistors
2SA1078
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=-1mA ,RBE=9
-120
V
V(BR)CBO
Collector-base breakdown voltage
IC=-1µA ,IE=0
-120
V
V(BR)EBO
Emitter-base breakdown voltage
IE=-1µA ,IC=0
-5
V
VCEsat
Collector-emitter saturation voltage
IC=-0.7A; IB=-70mA
-0.45
-1.0
V
VBE
Base-emitter on voltage
IC=-0.7A ; VCE=-5V
-0.8
-1.7
V
ICBO
Collector cut-off current
VCB=-120V; IE=0
-1
µA
ICEO
Collector cut-off current
VCE=-120V; IB=0
-100
µA
IEBO
Emitter cut-off current
VEB=-5V; IC=0
-1
µA
hFE-1
DC current gain
IC=-0.3A ; VCE=-5V
60
350
hFE-2
DC current gain
IC=-0.7A ; VCE=-5V
50
fT
Transition frequency
IC=-0.5A ; VCE=-10V;f=10MHz
140
MHz
COB
Output capacitance
IE=0 ; VCB=-20V;f=1MHz
100
pF


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
BSR31 SOT89 PNP SILICON PLANAR MEDIUM POWER TRANSISTORS 1  Zetex Semiconductors
2SA1170 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1065 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
BDW56 isc Silicon PNP Power Transistors 1  2  Inchange Semiconductor Company Limited
2SA648 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1217 Silicon PNP Power Transistors 1  2  3  4  Inchange Semiconductor Company Limited
2SA1264N Silicon PNP Power Transistors 1  2  3  4  Inchange Semiconductor Company Limited
2SA1645 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn