Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SG2524DE4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SG2524DE4
Description  REGULATING PULSE-WIDTH MODULATORS
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SG2524DE4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SG2524DE4 Datasheet HTML 3Page - Texas Instruments SG2524DE4 Datasheet HTML 4Page - Texas Instruments SG2524DE4 Datasheet HTML 5Page - Texas Instruments SG2524DE4 Datasheet HTML 6Page - Texas Instruments SG2524DE4 Datasheet HTML 7Page - Texas Instruments SG2524DE4 Datasheet HTML 8Page - Texas Instruments SG2524DE4 Datasheet HTML 9Page - Texas Instruments SG2524DE4 Datasheet HTML 10Page - Texas Instruments SG2524DE4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
SG2524, SG3524
REGULATING PULSEWIDTH MODULATORS
SLVS077D – APRIL 1977 – REVISED FEBRUARY 2003
7
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
The SG2524 is a fixed-frequency pulse-width-modulation (PWM) voltage-regulator control circuit. The regulator
operates at a fixed frequency that is programmed by one timing resistor, RT, and one timing capacitor, CT. RT
establishes a constant charging current for CT. This results in a linear voltage ramp at CT, which is fed to the
comparator, providing linear control of the output pulse duration (width) by the error amplifier. The SG2524 contains
an onboard 5-V regulator that serves as a reference, as well as supplying the SG2524 internal regulator control
circuitry. The internal reference voltage is divided externally by a resistor ladder network to provide a reference within
the common-mode range of the error amplifier as shown in Figure 6, or an external reference can be used. The output
is sensed by a second resistor divider network and the error signal is amplified. This voltage is then compared to the
linear voltage ramp at CT. The resulting modulated pulse out of the high-gain comparator then is steered to the
appropriate output pass transistor (Q1 or Q2) by the pulse-steering flip-flop, which is synchronously toggled by the
oscillator output. The oscillator output pulse also serves as a blanking pulse to ensure both outputs are never on
simultaneously during the transition times. The duration of the blanking pulse is controlled by the value of CT. The
outputs may be applied in a push-pull configuration in which their frequency is one-half that of the base oscillator, or
paralleled for single-ended applications in which the frequency is equal to that of the oscillator. The output of the error
amplifier shares a common input to the comparator with the current-limiting and shut-down circuitry and can be
overridden by signals from either of these inputs. This common point is pinned out externally via the COMP pin, which
can be employed to either control the gain of the error amplifier or to compensate it. In addition, the COMP pin can
be used to provide additional control to the regulator.
APPLICATION INFORMATION
oscillator
The oscillator controls the frequency of the SG2524 and is programmed by RT and CT as shown in Figure 4.
f
[ 1.30
R
T
C
T
where: RT is in kΩ
CT is in µF
f is in kHz
Practical values of CT fall between 0.001 µF and 0.1 µF. Practical values of RT fall between 1.8 kΩ and 100 kΩ.
This results in a frequency range typically from 130 Hz to 722 kHz.
blanking
The output pulse of the oscillator is used as a blanking pulse at the output. This pulse duration is controlled by
the value of CT as shown in Figure 5. If small values of CT are required, the oscillator output pulse duration can
be maintained by applying a shunt capacitance from OSC OUT to ground.
synchronous operation
When an external clock is desired, a clock pulse of approximately 3 V can be applied directly to the oscillator
output terminal. The impedance to ground at this point is approximately 2 k
Ω. In this configuration, RTCT must
be selected for a clock period slightly greater than that of the external clock.
† Throughout these discussions, references to the SG2524 apply also to the SG3524.


Similar Part No. - SG2524DE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SG2524DE4 TI-SG2524DE4 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
More results

Similar Description - SG2524DE4

ManufacturerPart #DatasheetDescription
logo
Seme LAB
IP1524 SEME-LAB-IP1524 Datasheet
59Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
IP1525A SEME-LAB-IP1525A Datasheet
63Kb / 6P
   REGULATING PULSE WIDTH MODULATORS
logo
STMicroelectronics
SG2524 STMICROELECTRONICS-SG2524 Datasheet
93Kb / 9P
   REGULATING PULSE WIDTH MODULATORS
SG2525AP013TR STMICROELECTRONICS-SG2525AP013TR Datasheet
939Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
SG2524 TI-SG2524_1 Datasheet
829Kb / 24P
[Old version datasheet]   REGULATING PULSE-WIDTH MODULATORS
UC1525B TI-UC1525B Datasheet
653Kb / 14P
[Old version datasheet]   Regulating Pulse Width Modulators
logo
STMicroelectronics
SG2525A STMICROELECTRONICS-SG2525A Datasheet
117Kb / 12P
   REGULATING PULSE WIDTH MODULATORS
logo
Linear Technology
LT1525A LINER-LT1525A Datasheet
536Kb / 8P
   Regulating Pulse Width Modulators
logo
Seme LAB
IP1P125 SEME-LAB-IP1P125 Datasheet
28Kb / 4P
   REGULATING PULSE WIDTH MODULATORS
logo
Texas Instruments
UC1525A TI1-UC1525A_15 Datasheet
745Kb / 17P
[Old version datasheet]   REGULATING PULSE WIDTH MODULATORS
UC1525A TI-UC1525A Datasheet
440Kb / 9P
[Old version datasheet]   Regulating Pulse Width Modulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com