Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C40 Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C40
Description  DIGITAL SIGNAL PROCESSORS
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C40 Datasheet(HTML) 47 Page - Texas Instruments

Back Button SMJ320C40 Datasheet HTML 43Page - Texas Instruments SMJ320C40 Datasheet HTML 44Page - Texas Instruments SMJ320C40 Datasheet HTML 45Page - Texas Instruments SMJ320C40 Datasheet HTML 46Page - Texas Instruments SMJ320C40 Datasheet HTML 47Page - Texas Instruments SMJ320C40 Datasheet HTML 48Page - Texas Instruments SMJ320C40 Datasheet HTML 49Page - Texas Instruments SMJ320C40 Datasheet HTML 50Page - Texas Instruments SMJ320C40 Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 62 page
background image
PARAMETER MEASUREMENT INFORMATION
(L)PAGE0–(L)PAGE1
(see Note C)
Control Signals
(see Note C)
(L)Dx
(see Note A)
RESET
(see Notes E and F)
1
2.1
4.1
6
7
8
3
2.2
4.2
7
X2/CLKIN
H1
H3
(L)Ax
(see Note B)
IACK
Asynchronous Reset
Signals (see Note D)
Asynchronous Reset
Signals (see Note E)
Ten H1 Clock Cycles
5
9
9
10
Hi-Z
Hi-Z
Hi-Z
Hi-Z
NOTES: A. In this figure, (L)Dx includes D31–D0, LD31–D0, and CxD7–CxD0.
B. (L)Ax includes A30–A0 and LA30–LA0.
C. Control signals LSTRB0, LSTRB1, STRB0, STRB1, (L)STAT3–(L)STAT0, (L)LOCK, (L)R/W0, and (L)R/W1 go high while (L)PAGE0 and (L)PAGE1 go low.
D. Asynchronous reset signals that go into high impedance after RESET goes low include TCLK0, TCLK1, IIOF3–IIOF0, and the communication-port control signals
CREQx, CACKy, CSTRBy, and CRDYx (where x = 0, 1, or 2, and y = 3, 4, or 5). (At reset, ports 0, 1, and 2 become outputs, and ports 3, 4, and 5 become inputs.)
E. Asynchronous reset signals that go to a high-logic level after RESET goes low include CREQy, CACKx, CSTRBx, and CRDYy (where x = 0, 1, or 2, and y = 3,
4, or 5).
F. RESET is an asynchronous input and can be asserted at any point during a clock cycle. If the specified timings are met, the exact sequence shown will occur;
otherwise, an additional delay of one clock cycle can occur.
Figure 20. RESET Timing


Similar Part No. - SMJ320C40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C40 TI-SMJ320C40 Datasheet
1Mb / 64P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C40 TI1-SMJ320C40 Datasheet
1Mb / 65P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C40GDL40C TI1-SMJ320C40GDL40C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL40CT TI1-SMJ320C40GDL40CT Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
SMJ320C40GDL50C TI1-SMJ320C40GDL50C Datasheet
202Kb / 15P
[Old version datasheet]   FLOATING-POINT DIGITAL SIGNAL PROCESSOR
More results

Similar Description - SMJ320C40

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
968Kb / 57P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com