Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMJ320C31 Datasheet(PDF) 42 Page - Texas Instruments

Click here to check the latest version.
Part # SMJ320C31
Description  DIGITAL SIGNAL PROCESSORS
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ320C31 Datasheet(HTML) 42 Page - Texas Instruments

Back Button SMJ320C31 Datasheet HTML 38Page - Texas Instruments SMJ320C31 Datasheet HTML 39Page - Texas Instruments SMJ320C31 Datasheet HTML 40Page - Texas Instruments SMJ320C31 Datasheet HTML 41Page - Texas Instruments SMJ320C31 Datasheet HTML 42Page - Texas Instruments SMJ320C31 Datasheet HTML 43Page - Texas Instruments SMJ320C31 Datasheet HTML 44Page - Texas Instruments SMJ320C31 Datasheet HTML 45Page - Texas Instruments SMJ320C31 Datasheet HTML 46Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 57 page
background image
SMJ320C31, SMJ320LC31, SMQ320LC31
DIGITAL SIGNAL PROCESSORS
SGUS026B– APRIL 1998 – REVISED APRIL 1999
42
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
timing for peripheral pin changing from general-purpose input to output mode (see Note 6 and
Figure 31)
NO.
’C31-40
’LC31-40
’C31-50
UNIT
MIN
MAX
MIN
MAX
87
td(H1H-GPIO) Delay time, H1 high to peripheral pin switching from input to output
13
10
ns
NOTE 6: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0 / 1. The modes of these pins are defined by the contents
of internal-control registers associated with each peripheral.
Peripheral
Pin
(see Note A)
I/O
Control
Bit
H1
H3
Execution of Store
of Peripheral-
Control Register
87
NOTE A: Peripheral pins include CLKX0, CLKR0, DX0, DR0, FSX0, FSR0, and TCLK0/1.
Figure 31. Timing for Change of Peripheral Pin From General-Purpose Input to Output Mode


Similar Part No. - SMJ320C31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ320C31 TI-SMJ320C31 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C31 TI1-SMJ320C31 Datasheet
1Mb / 55P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C31GFAM40 TI-SMJ320C31GFAM40 Datasheet
1Mb / 59P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C31GFAM40 TI1-SMJ320C31GFAM40 Datasheet
1Mb / 54P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
SMJ320C31GFAM40 TI1-SMJ320C31GFAM40 Datasheet
1Mb / 55P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
More results

Similar Description - SMJ320C31

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320F2812 TI-TMS320F2812 Datasheet
1Mb / 103P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C31 TI-TMS320C31 Datasheet
636Kb / 48P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320F2810 TI-TMS320F2810_08 Datasheet
2Mb / 173P
[Old version datasheet]   Digital Signal Processors
TMS320F2809 TI-TMS320F2809_11 Datasheet
1Mb / 145P
[Old version datasheet]   Digital Signal Processors
SM320F2808-EP TI-SM320F2808-EP Datasheet
1Mb / 118P
[Old version datasheet]   Digital Signal Processors
TMS320F2810 TI-TMS320F2810_11 Datasheet
1Mb / 170P
[Old version datasheet]   Digital Signal Processors
TMS320C5X TI1-TMS320C5X_16 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320C203 TI-TMS320C203 Datasheet
1Mb / 83P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMS320LBC57PGE80 TI1-TMS320LBC57PGE80 Datasheet
1Mb / 94P
[Old version datasheet]   DIGITAL SIGNAL PROCESSORS
TMDXDOCK28069 TI-TMDXDOCK28069 Datasheet
1Mb / 147P
[Old version datasheet]   Digital Signal Processors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com