Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT12313 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # PT12313
Description  High Current Toroidal Inductors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

PT12313 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  PT12313 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
October 11, 2006
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
1
2
SCHEMATIC
INCHES .XXX±.010
MILLIMETERS .XX±.25
D
C
1
2
3
L
W
H
.015 Min
.38
.200 Min
5.08
3 Open
No internal connection
ELECTRICAL SPECIFICATIONS AT 25ºC
Dimensions Inches
mm
Part Number
Inductance @
no load
µH
+20%/-12%
DCR
Ohms
(Max)
L
W
H
D
C
Lead Dia.
Inches ±0.003
Inductance µH
(Typ)
@ IDC
IDC Amps
PT12310
PT12311
PT12312
PT12313
PT12314
PT12315
PT12316
PT12317
PT12318
PT12319
PT12320
PT12321
PT12322
PT12323
PT12324
40.0
70.0
120.0
28.0
45.0
86.0
180.0
260.0
60.0
92.0
188.0
315.0
570.0
325.0
1000.0
0.007
0.009
0.012
0.009
0.012
0.018
0.025
0.032
0.025
0.032
0.048
0.068
0.095
0.200
0.130
0.80
20.32
0.91
23.11
1.11
28.19
0.55
13.97
0.80
20.32
0.80
20.32
0.91
23.11
1.11
28.19
0.55
13.97
0.80
20.32
0.80
20.32
0.91
23.11
1.11
28.19
0.90
22.86
0.80
20.32
1.60
40.64
1.95
49.53
2.30
58.42
1.20
30.48
1.44
36.57
1.60
40.64
1.95
49.53
2.30
58.42
1.20
30.48
1.44
36.57
1.60
40.64
1.95
49.53
2.30
58.42
1.30
33.02
1.60
40.64
1.72
43.68
2.00
50.80
2.30
58.42
1.20
30.48
1.44
36.57
1.72
43.68
2.00
50.80
2.30
58.42
1.20
30.48
1.44
36.57
1.72
43.68
2.00
50.80
2.30
58.42
1.40
35.56
1.72
43.68
0.90
22.86
1.20
30.48
1.50
38.10
0.80
20.32
0.90
22.86
0.90
22.86
1.20
30.48
1.50
38.10
0.80
20.32
0.90
22.86
0.90
22.86
1.20
30.48
1.50
38.10
0.75
19.05
0.90
22.86
0.60
15.24
0.70
17.78
0.90
22.86
0.40
10.16
0.60
15.24
0.60
15.24
0.70
17.78
0.90
22.86
0.40
10.16
0.60
15.24
0.60
15.24
0.70
17.78
0.90
22.86
0.66
16.76
0.60
15.24
0.081
0.081
0.081
0.057
0.057
0.057
0.057
0.057
0.040
0.040
0.040
0.040
0.040
0.051
0.036
17.0
32.0
60.0
14.0
23.0
43.0
78.0
144.0
32.0
52.0
98.0
175.0
335.0
280.0
470.0
17.0
16.0
16.0
10.0
11.0
10.0
10.0
10.0
6.5
7.0
6.0
6.0
6.0
3.5
3.5
Notes:
1.
For non-RoHS parts, replace PT prefix with 42- (e.g. PT12310 becomes 42-12310).
2.
Terminal finish is compliant to RoHS requirements
123 Series High Current Toroidal Inductors
Features
Single layer and cost effective design
Semi-encapsulated construction
Designed for high frequency power supply applications
Available without case upon request
RoHS Compliant starting with Date Code 0452
Tinned Leads with Leaded Solder is Available (note 1)


Similar Part No. - PT12313

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT12311 PTC-PT12311 Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311 PTC-PT12311 Datasheet
94Kb / 5P
   PT12311
PT12311-S PTC-PT12311-S Datasheet
195Kb / 5P
   Stereo Audio Processor for Car Audio
PT12311-S PTC-PT12311-S Datasheet
94Kb / 5P
   PT12311
PT12311 PTC-PT12311_10 Datasheet
94Kb / 5P
   PT12311
More results

Similar Description - PT12313

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
CTP4551 FILTRAN-CTP4551 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
Pulse A Technitrol Comp...
PE-51508NL PULSE-PE-51508NL Datasheet
72Kb / 1P
   TOROIDAL INDUCTORS High Current
logo
Bel Fuse Inc.
HCTI-10-20.0 BEL-HCTI-10-20.0 Datasheet
500Kb / 1P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4549 FILTRAN-CTP4549 Datasheet
60Kb / 1P
   Toroidal Inductors High Current
CTP4550 FILTRAN-CTP4550 Datasheet
56Kb / 1P
   Toroidal Inductors High Current
logo
TT Electronics.
HM54 TTELEC-HM54 Datasheet
779Kb / 3P
   High Current Toroidal Inductors
logo
Filtran LTD
CTP4548 FILTRAN-CTP4548 Datasheet
59Kb / 1P
   Toroidal Inductors High Current
logo
Bi technologies
HM54 BITECH-HM54 Datasheet
1Mb / 3P
   High Current Toroidal Inductors
logo
API Delevan
HCTR API-HCTR Datasheet
4Mb / 2P
   High Current Toroidal Inductors
logo
Token Electronics Indus...
TCTC1005IR-330-J TOKEN-TCTC1005IR-330-J Datasheet
368Kb / 2P
   TCTC High Current Toroidal Inductors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com