Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RC4558 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part No. RC4558
Description  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  11 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  TI [Texas Instruments]
Homepage  http://www.ti.com
Logo TI - Texas Instruments

RC4558 Datasheet(HTML) 3 Page - Texas Instruments

  RC4558 Datasheet HTML 1Page - Texas Instruments RC4558 Datasheet HTML 2Page - Texas Instruments RC4558 Datasheet HTML 3Page - Texas Instruments RC4558 Datasheet HTML 4Page - Texas Instruments RC4558 Datasheet HTML 5Page - Texas Instruments RC4558 Datasheet HTML 6Page - Texas Instruments RC4558 Datasheet HTML 7Page - Texas Instruments RC4558 Datasheet HTML 8Page - Texas Instruments RC4558 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
RC4558
DUAL GENERALPURPOSE OPERATIONAL AMPLIFIER
SLOS073D − MARCH 1976 − REVISED SEPTEMBER 2004
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
recommended operating conditions
MIN
MAX
UNIT
VCC+
Supply voltage
5
15
V
VCC−
Supply voltage
−5
−15
V
TA
Operating free-air temperature
RC4558
0
70
°C
TA
Operating free-air temperature
RC4558I
−40
85
°C
electrical characteristics at specified free-air temperature, VCC+ = 15 V, VCC− = −15 V
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
UNIT
25
°C
0.5
6
VIO
Input offset voltage
VO = 0
Full
range
7.5
mV
25
°C
5
200
IIO
Input offset current
VO = 0
Full
range
300
nA
25
°C
150
500
IIB
Input bias current
VO = 0
Full
range
800
nA
VICR
Common-mode input voltage range
25
°C
±12
±14
V
RL = 10 kΩ
25
°C
±12
±14
VOM
Maximum output voltage swing
25
°C
±10
±13
V
VOM
Maximum output voltage swing
RL = 2 kΩ
Full
range
±10
V
RL ≥ 2 kΩ,
25
°C
20
300
AVD
Large-signal differential voltage amplification
RL ≥ 2 kΩ,
VO = ±10 V
Full
range
15
V/mV
B1
Unity-gain bandwith
25
°C
3
MHz
ri
Input resistance
25
°C
0.3
5
M
CMRR
Common-mode rejection ratio
25
°C
70
90
dB
kSVS
Supply-voltage sensitivity (
∆VIO/∆VCC)
VCC = ±15 V
to
±9 V
25
°C
30
150
µV/V
Vn
Equivalent input noise voltage (closed loop)
AVD = 100,
RS = 100 Ω,
f = 1 kHz,
BW = 1 Hz
25
°C
8
nV/
√Hz
VO = 0,
25
°C
2.5
5.6
ICC
Supply current (both amplifiers)
VO = 0,
No load
TA(min)
3
6.6
mA
ICC
Supply current (both amplifiers)
No load
TA(max)
2.3
5
mA
Total power dissipation
VO = 0,
25
°C
75
170
PD
Total power dissipation
(both amplifiers)
VO = 0,
No load
TA(min)
90
200
mW
PD
(both amplifiers)
No load
TA(max)
70
150
mW
VO1/VO2
Crosstalk attenuation
Open loop
RS = 1 kΩ,
f = 10 kHz
25
°C
85
dB
VO1/VO2
Crosstalk attenuation
AVD = 100
RS = 1 kΩ,
f = 10 kHz
25
°C
105
dB
† All characteristics are measured under open-loop conditions with zero common-mode input voltage, unless otherwise specified. Full range is
0
°C to 70°C for RC4558 and −40°C to 85°C for RC4558I.
operating characteristics, VCC+ = 15 V, VCC− = −15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF
0.13
ns
Overshoot
VI = 20 mV,
RL = 2 kΩ,
CL = 100 pF
5
%
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
CL = 100 pF
1.1
1.7
V/
µs


Html Pages

1  2  3  4  5  6  7  8  9  10  11 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn