Electronic Components Datasheet Search |
|
PAL16L8A-2MFKB Datasheet(PDF) 11 Page - Texas Instruments |
|
|
PAL16L8A-2MFKB Datasheet(HTML) 11 Page - Texas Instruments |
11 / 18 page µA µA µA mA VCC = 5.5 V, VO = 2.7 V VCC = 5.5 V, VO = 0.4 V VCC = 5.5 V, VI = 2.7 V VCC = 5.5 V, VI = 0.4 V IOZH IOZL IIH IIL ns Pulse duration (see Note 2) tw PAL16L8A-2M, PAL16R4A-2M, PAL16R6A-2M, PAL16R8A-2M STANDARD HIGH-SPEED PAL® CIRCUITS SRPS016 – D2705, FEBRUARY 1984 – REVISED MARCH 1992 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 11 electrical characteristics over recommended operating free-air temperature range PARAMETER TEST CONDITIONS MIN TYP† MAX UNIT VIK VCC = 4.5 V, II = – 18 mA – 1.5 V VOH VCC = 4.5 V, IOH = – 2 mA 2.4 3.2 V VOL VCC = 4.5 V, IOL = 12 mA 0.25 0.4 V Outputs 20 I/O ports 100 Outputs –20 I/O ports –100 II VCC = 5.5 V, VI = 5.5 V 0.2 mA I/O Ports 100 All others 25 OE input –0.2 All others –0.1 IOS‡ VCC = 5.5 V, VO = 0.5 V –30 –250 mA ICC VCC = 5.5 V, VI = 0, Outputs open 75 90 mA timing requirements MIN MAX UNIT fclock Clock Frequency 0 16 MHz Clock high 25 Clock low 25 tsu Setup time, input or feedback before CLK ↑ 35 ns th Hold time, input or feedback after CLK ↑ 0 ns NOTE 2: The total clock period of clock high and clock low must not exceed clock frequency, fclock. The minimum pulse durations specified are only for clock high or low, but not for both simultaneously. switching characteristics over recommended ranges of supply voltage and operating free-air temperature (unless otherwise noted) PARAMETER FROM (INPUT) TO (OUTPUT) TEST CONDITION MIN TYP† MAX UNIT fmax 16 25 MHz tpd I, I/O O, I/O 25 40 ns tpd CLK ↑ Q R1 = 390 Ω, 11 25 ns ten OE ↓ Q R2 = 750 Ω, 20 25 ns tdis OE ↑ Q See Figure 1 11 25 ns ten I, I/O O, I/O 25 40 ns tdis I, I/O O, I/O 25 35 ns † All typical values are at VCC = 5 V, TA = 25°C. ‡ Not more than one output should be shorted at a time and the duration of the short circuit should not exceed one second. Set VO at 0.5 V to avoid test equipment degradation. |
Similar Part No. - PAL16L8A-2MFKB |
|
Similar Description - PAL16L8A-2MFKB |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |