Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

59170-1-S-00-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part No. 59170-1-S-00-A
Description  59170-1-S-00-A
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59170-1-S-00-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59170-1-S-00-A Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.hamlin.com
TABLE 1
Form A
Normally
Contact Type
Open
Switch Type
1
Power
Watt - max.
10
Voltage
Switching
Vdc - max.
200
Breakdown
Vdc - min.
250
Current
Switching
A - max.
0.5
Carry
A - max.
0.8
Resistance
Contact, Initial
Ω - max.
0.1
Insulation
Ω - min.
10
10
Capacitance
Contact
pF - typ.
0.3
Temperature
Operating
°C
-40 to +125
Storage
°C
-65 to +125
Time
Operate
ms - max.
1.0
Release
ms - max.
0.5
Shock
11ms 1⁄2 sine
G - max.
100
Vibration
50-2000 Hz
G - max.
30
TABLE 3
Termination and Packing Options:-
SELECT
DESCRIPTION
OPTION
A
Leaded
C
Gull Wing bulk packed
D
Gull Wing taped and reel
TABLE 2
Sensitivity Options:-
Activate Distances are approximate using Hamlin 57045 actuator as illustrated
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
10-15
(.295)
15-20
(.256)
20-25
(.197)
7,5
6,5
5,0
SPECIFICATIONS
CUSTOMER OPTIONS - Sensitivity and Termination Specification
ORDERING INFORMATION
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Termination
and Packing
1
X
00
X
DIMENSIONS (in) mm
59170
Series 59170
Features
2 part magnetically operated
proximity sensor
Leaded and Gull Wing options
Tape and reel option (consult Hamlin)
Stand-offs to allow board washing
Customer defined sensitivity
Solder reflow capable
Benefits
Suitable for pick and place
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to contamination
Applications
Position and limit sensing
Security system switch
Door switch
59170 Moulded MDSR-10 Switch
D
Leaded
(.450)
11,43
(1.590)
40,39
(.090) 2,29
(.090) 2,29
ø (.017) 0,43
Gull Wing
(0.090) 2,29
(0.090) 2,29
(.450)
11,43
(.060)
1,52
(.640)
16,25
(.005) 0.127 max
(.017) 0,43
(0.28) ,011
(.060)
1,52
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6142 923920 Fax: +49 (0) 6142 923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33(0) 1 6047 3000 Fax: +33(0) 1 6015 9136 Email: sales.fr@hamlin.com
Issue No: 2 Date: 01.07.07 DCR B5306
INFORMATION PROVIDED ON THIS DATA SHEET IS PROVIDED FOR INFORMATION
PURPOSES ONLY AND SHOULD NOT BE RELIED UPON AS BEING ACCURATE FOR ANY
PARTICULAR PURPOSE. Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by providing information specific
to any particular application. HAMLIN disclaims any and all liability whatsoever for any
purchaser’s reliance upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
Double click on tag for
Recommended Land Pattern


Similar Part No. - 59170-1-S-00-A

ManufacturerPart No.DatasheetDescription
HAMLIN Position and Movement Sensor Solutions
HAMLIN Position and Mov...
59170-1-1-00-A HAMLIN-59170-1-1-00-A Datasheet
186Kb / 1P
   59170 Moulded MDSR-10 Switch
59170-1-1-00-C HAMLIN-59170-1-1-00-C Datasheet
186Kb / 1P
   59170 Moulded MDSR-10 Switch
59170-1-1-00-D HAMLIN-59170-1-1-00-D Datasheet
186Kb / 1P
   59170 Moulded MDSR-10 Switch
More results

Similar Description - 59170-1-S-00-A

ManufacturerPart No.DatasheetDescription
Adels-Contact
Adels-Contact
112001 ADELS-112001 Datasheet
115Kb / 1P
   930-00/ 1
06/01/2020
Hirose Electric
Hirose Electric
MDF97-5S-3.5C HIROSE-MDF97-5S-3.5C Datasheet
173Kb / 2P
   EDC-354809-00-00
HAMLIN Position and Movement Sensor Solutions
HAMLIN Position and Mov...
HAMLIN59170 HAMLIN-HAMLIN59170 Datasheet
186Kb / 1P
   59170 Moulded MDSR-10 Switch
Adels-Contact
Adels-Contact
112004 ADELS-112004 Datasheet
118Kb / 1P
   930-00/ 4
06/01/2020
112009 ADELS-112009 Datasheet
123Kb / 1P
   Screwless Connectors Block Connectors 930-00/ 9
06/01/2020
112012 ADELS-112012 Datasheet
124Kb / 1P
   Screwless Connectors Block Connectors 930-00/12
06/01/2020
ATMEL Corporation
ATMEL Corporation
10-0516-00 ATMEL-10-0516-00 Datasheet
48Kb / 1P
   10-0516-00
Adels-Contact
Adels-Contact
112003 ADELS-112003 Datasheet
117Kb / 1P
   Screwless Connectors Block Connectors 930-00/ 3
06/01/2020
112010 ADELS-112010 Datasheet
125Kb / 1P
   Screwless Connectors Block Connectors 930-00/10
06/01/2020
112011 ADELS-112011 Datasheet
123Kb / 1P
   Screwless Connectors Block Connectors 930-00/11
06/01/2020
More results


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com