Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

59160-1-T-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 59160-1-T-A
Description  Surface Mount Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

59160-1-T-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  59160-1-T-A Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
37
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0) 6181 953660 Fax: +49 (0) 6181 9536666 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1 4687 0202 Fax: +33 (0) 1 4686 6786 Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Change
Contact Type
Open
Over
Switch Type
13
Power
Watt - max.
10
5
Voltage
Switching
Vdc - max.
200
175
Breakdown
Vdc - min.
250
200
Current
Switching
A - max.
0.5
0.25
Carry
A - max.
1.2
1.5
Resistance
Contact, Initial
Ω - max.
0.2
0.2
Insulation
Ω - min.
10
10
10
9
Capacitance
Contact
pF - typ.
0.3
0.3
Temperature
Operating
°C
-40 to +105
-40 to +105
Storage
°C
-65 to +105
-65 to +105
Time
Operate
ms - max.
1.0
3.0
Release
ms - max.
1.0
3.0
Shock
11ms 1⁄2 sine
G - max.
100
50
Vibration
50-2000 Hz
G - max.
30
30
TABLE 3
Termination Options:-
SELECT
DESCRIPTION
OPTION
A
J Foot bulk packed
B
J Foot tape and reel
C
Gull Wing bulk packed
D
Gull Wing tape and reel
TABLE 2
Sensitivity Options:-
Activate Distances are approximate using Hamlin 57050 actuator as illustrated
Switch AT before modification
Select Option
S
T
U
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
1 Normally Open
10-15
(.157)
15-20
(.098)
20-25
(.079)
4,0
2,5
2,0
3 Change Over
15-20
(.118)
20-25
(.079)
25-30
(.059)
3,0
2,0
1,5
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 2
Table 3
Sensitivity
Termination
File E61760(N)
www.hamlin.com
X
X
00
X
DIMENSIONS (in) mm
59160
Series 59160
Features
2 part magnetically operated
proximity sensor
Surface mount technology on to
printed circuit board
J Foot & Gull Wing options
Tape and reel option (consult Hamlin)
Moulded stand-off to allow board
washing
Customer defined sensitivity
Sensor solder reflow capable
Benefits
Suitable for pick and place
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Hermetically sealed, magnetically
operated contacts continue to
operate long after optical and other
technologies fail due to
contamination
Applications
Position and limit sensing
Security system switch
Door switch
59160 Surface Mount Features and Benefits
GULL-WING
59160 Sensor
57050 Actuator
J-FOOT
D
ISSUE No: 4
DATE: 1/5/3
N.B. 57050 actuator sold separately
Double click on tag for Recommended Land Pattern


Similar Part No. - 59160-1-T-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
59160-1-T-00-A ETC2-59160-1-T-00-A Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
59160-1-T-00-B ETC2-59160-1-T-00-B Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
59160-1-T-00-C ETC2-59160-1-T-00-C Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
59160-1-T-00-D ETC2-59160-1-T-00-D Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
More results

Similar Description - 59160-1-T-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
59160 ETC2-59160 Datasheet
138Kb / 1P
   Surface Mount Features and Benefits
logo
HAMLIN Position and Mov...
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
59145-1-S-01-A HAMLIN-59145-1-S-01-A Datasheet
104Kb / 1P
   Flange Mount Features and Benefits
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59045-I-S-00-0 HAMLIN-59045-I-S-00-0 Datasheet
104Kb / 1P
   Mini PCB Mount Features and Benefits
59045 HAMLIN-59045 Datasheet
70Kb / 1P
   59045 and 59050 PCB Mount Features and Benefits
08/12/00
logo
List of Unclassifed Man...
57135-000 ETC2-57135-000 Datasheet
101Kb / 1P
   High Temperature Flange Mount Features and Benefits
logo
HAMLIN Position and Mov...
59135-1-S-01-A HAMLIN-59135-1-S-01-A Datasheet
102Kb / 1P
   High Temperature Flange Mount Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com