Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

590752-U-01-A Datasheet(PDF) 1 Page - HAMLIN Position and Movement Sensor Solutions

Part # 590752-U-01-A
Description  Heavy Duty Stainless Steel Threaded Barrel Features and Benefits
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HAMLIN [HAMLIN Position and Movement Sensor Solutions]
Direct Link  http://www.hamlin.com
Logo HAMLIN - HAMLIN Position and Movement Sensor Solutions

590752-U-01-A Datasheet(HTML) 1 Page - HAMLIN Position and Movement Sensor Solutions

  590752-U-01-A Datasheet HTML 1Page - HAMLIN Position and Movement Sensor Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
Hamlin USA
Tel: +1 920 648 3000 Fax: +1 920 648 3001 Email: sales.us@hamlin.com
Hamlin UK
Tel: +44 (0)1379 649700 Fax: +44 (0)1379 649702 Email: sales.uk@hamlin.com
Hamlin Germany Tel: +49 (0)
6142 923920 Fax: +49 (0) 6142923921 Email: sales.de@hamlin.com
Hamectrol France Tel: +33 (0) 1
6047 3000 Fax: +33 (0) 1 6015 9136 Email: sales.fr@hamlin.com
TABLE 1
Form A
Normally
Normally Open
Change
Normally
Contact Type
Open
High Voltage
Over
Closed
Switch Type
12
3
4
Power
Watt - max.
10
10
5
5
Voltage
Switching
Vdc - max.
200
300
175
175
Breakdown
Vdc - min.
250
450
200
200
Current
Switching
A - max.
0.5
0.5
0.25
0.25
Carry
A - max.
1.2
1.5
1.5
1.5
Resistance
Contact, Initial
Ω - max.
0.2
0.2
0.2
0.2
Insulation
Ω - min.
10
10
10
10
10
9
10
9
Capacitance
Contact
pF - typ.
0.3
0.2
0.3
0.3
Temperature
Operating
°C
-40 to +
85
-20 to +
85
-40 to +
85
-40 to +
85
Storage
°C
-65 to +
85
-65 to +
85
-65 to +
85
-65 to +
85
Time
Operate
ms - max.
1.0
1.0
3.0
3.0
Release
ms - max.
1.0
1.0
3.0
3.0
Shock
11ms 1⁄2 sine
G - max.
100
100
50
50
Vibration
50-2000 Hz
G - max.
30
30
30
30
TABLE 3
Cable Type:-
BS 6500 3A 16/0.2 PVC
DOUBLE INSULATED
Standard Lengths
SELECT
CABLE
OPTION
LENGTH
(in) mm
01
(3,94) 100
02
(11,81) 300
03
(19,69) 500
04
(29,53) 750
05
(39,37) 1000
TABLE 4
Termination Options:-
SELECT
DESCRIPTION
OPTION
(2 WIRE VERSIONS ILLUSTRATED)
A or F
Tinned or untinned leads
B
Crimped terminals
C
6.35mm fastons
TABLE 2
Sensitivity Options:-
Activate Distances are approximate
using Hamlin 57075 actuator
as illustrated
Switch AT before modification
Select Option
S
T
U
V
Switch
Pull In
Activate
Pull In
Activate
Pull In
Activate
Pull In
Activate
Type
AT
Distance
AT
Distance
AT
Distance
AT
Distance
Range
d
Range
d
Range
d
Range
d
(in) mm
(in) mm
(in) mm
(in) mm
1 Normally Open
12-18
(.984)
17-23
(.827)
22-28
(.748)
27-33
(.689)
2 High Voltage
25,0
21,0
19,0
17,5
3 Change Over
15-20
(.906)
20-25
(.787)
25-30
(.709)
4 Normally Closed
23,0
20,0
18,0
CUSTOMER OPTIONS - Switching Specifications
CUSTOMER OPTIONS - Sensitivity, Cable Length and Termination Specification
ORDERING INFORMATION
DETAILS PROVIDED ON THIS DATA SHEET ARE PROVIDED FOR
INFORMATION PURPOSES ONLY AND SHOULD NOT BE RELIED
UPON AS BEING ACCURATE FOR ANY PARTICULAR PURPOSE.
Product performance may be affected by the application to which the
product is put. Upon request, HAMLIN will assist purchasers by
providing information specific to any particular application. HAMLIN
disclaims any and all liability whatsoever for any purchaser’s reliance
upon the information contained on this data sheet without further
consultation with authorised representatives of HAMLIN.
59036
Switch Type
Table 1
Table 3
Table 2
Table 4
Sensitivity
Cable Length
Termination
www.hamlin.com
X
X
XX
X
DIMENSIONS (in) mm
59075
Series 59075
Features
2 part magnetically operated
proximity sensor
Heavy duty stainless steel threaded
barrel with retaining nuts
M12 by 1.00mm thread
Choice of normally open, high
voltage or change over contacts
Customer defined sensitivity
Choice of cable length and
connector
Benefits
Robust construction makes this
sensor well suited to harsh
industrial environments
Simple installation and adjustment
using supplied retaining nuts
No standby power requirement
Operates through non-ferrous
materials such as wood, plastic or
aluminium
Applications
Off road and heavy vehicles
Farm machinery
59075 Heavy Duty Stainless Steel Threaded Barrel Features and Benefits
59075 Sensor
57075 Actuator
ISSUE No:
5 DATE: 16/10/08
N.B. 57075 actuator sold separately


Similar Part No. - 590752-U-01-A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
59075 LITTELFUSE-59075 Datasheet
515Kb / 3P
   Reed Sensors
59075-1-S-02-A LITTELFUSE-59075-1-S-02-A Datasheet
515Kb / 3P
   Reed Sensors
59075-1-S-02-E LITTELFUSE-59075-1-S-02-E Datasheet
515Kb / 3P
   Reed Sensors
59075-1-S-02-F LITTELFUSE-59075-1-S-02-F Datasheet
515Kb / 3P
   Reed Sensors
59075-1-T-02-A LITTELFUSE-59075-1-T-02-A Datasheet
515Kb / 3P
   Reed Sensors
More results

Similar Description - 590752-U-01-A

ManufacturerPart #DatasheetDescription
logo
HAMLIN Position and Mov...
59060-1-S-01-A HAMLIN-59060-1-S-01-A Datasheet
96Kb / 1P
   Stainless Steel Threaded Barrel Features and Benefits
59065-1-S-01-A HAMLIN-59065-1-S-01-A Datasheet
90Kb / 1P
   Threaded Barrel Features and Benefits
59090-4-T-01-A HAMLIN-59090-4-T-01-A Datasheet
90Kb / 1P
   Heavy Duty Vane Sensor Features and Benefits
logo
Laird Tech Smart Techno...
SA9-120-13 LSTD-SA9-120-13 Datasheet
638Kb / 1P
   Heavy-duty stainless steel scissor bracket
logo
Banner Engineering Corp...
WLC60 BANNER-WLC60 Datasheet
549Kb / 4P
   WLC60 Heavy Duty Stainless Steel LED Light
logo
HAMLIN Position and Mov...
59052-X-S-01-A HAMLIN-59052-X-S-01-A Datasheet
80Kb / 1P
   Firecracker Features and Benefits
59085-1-T-S-A HAMLIN-59085-1-T-S-A Datasheet
92Kb / 1P
   Vane Sensor Features and Benefits
59165-1-S-00-A HAMLIN-59165-1-S-00-A Datasheet
167Kb / 1P
   Moulded Switch Features and Benefits
logo
PANDUIT CORP.
MLT12SH-Q316 PANDUIT-MLT12SH-Q316 Datasheet
231Kb / 1P
   METAL LOCKING TIE SUPER HEAVY DUTY 316 STAINLESS STEEL
logo
HAMLIN Position and Mov...
59050-I-S-00-0 HAMLIN-59050-I-S-00-0 Datasheet
104Kb / 1P
   PCB Mount Features and Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com