Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SA885 Datasheet(PDF) 1 Page - Savantic, Inc.

Part No. 2SA885
Description  Silicon PNP Power Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAVANTIC [Savantic, Inc.]
Direct Link  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SA885 Datasheet(HTML) 1 Page - Savantic, Inc.

  2SA885 Datasheet HTML 1Page - Savantic, Inc. 2SA885 Datasheet HTML 2Page - Savantic, Inc. 2SA885 Datasheet HTML 3Page - Savantic, Inc. 2SA885 Datasheet HTML 4Page - Savantic, Inc. 2SA885 Datasheet HTML 5Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SavantIC Semiconductor
Product Specification
Silicon PNP Power Transistors
2SA885
DESCRIPTION
·With TO-126 package
·Complement to type 2SC1846
·Low collector-emitter saturation voltage
APPLICATIONS
·For low-frequency power amplification
PINNING
PIN
DESCRIPTION
1
Emitter
2
Collector;connected to
mounting base
3
Base
Absolute Maximun Ratings (Ta=25 )
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-45
V
VCEO
Collector-emitter voltage
Open base
-35
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current (DC)
-1
A
ICM
Collector current-peak
-1.5
A
1.2*
1
PC
Collector power dissipation
TC=25
5*
2
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150
Note) *1: Without heat sink
*2: With a 100 × 100 × 2 mm A1 heat sink


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
2SA626 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA971 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1261 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1293 Silicon PNP Power Transistors 1  2  3  4  Inchange Semiconductor Company Limited
2SA1788 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1488 Silicon PNP Power Transistors 1  2  3  4  Inchange Semiconductor Company Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn