Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT7707 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT7707
Description  18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT7707 Datasheet(HTML) 1 Page - Texas Instruments

  PT7707 Datasheet HTML 1Page - Texas Instruments PT7707 Datasheet HTML 2Page - Texas Instruments PT7707 Datasheet HTML 3Page - Texas Instruments PT7707 Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Standard Application
For STBY* pin; open = output enabled; ground = output
disabled.
Pin-Out Information
Pin Function
1
VID0
2
VID1
3
VID2
4
VID3
5
STBY* - Stand-by
6
VID4
7Vin
8Vin
9Vin
Pin Function
10
Vin
11
Vin
12
Remote Sense Gnd
13
GND
14
GND
15
GND
16
GND
17
GND
18
GND
PT7707
The PT7707 is a new series of
high-performance, 18 Amp Integrated
Switching Regulators (ISRs) housed in
a 27-pin SIP package. The 18A capa-
bility allows easy integration of the
latest high-speed, low-voltage µPs and
bus drivers into existing 5V systems.
The PT7707 series has been de-
signed to work in parallel with one or
more of the PT7749 - 18A current
boosters for increased Iout in incre-
ments of 18A.
The output voltage of the PT7707
can be easily programmed from 1.3V
to 3.5V with a 5 bit input compatible
with Intel’s Pentium® II Processor.
A differential remote sense is also pro-
vided which automatically compensates
for any voltage drop from the ISR to
the load.
Only 330µF of output capacitance
are required for proper operation.
For assistance or to order, call (800) 531-5782
Cin = Required 1200µF electrolytic
Cout= Required 330µF electrolytic
L1 = Optional 1µH input choke
Pin Function
19
GND
20
Vout
21
Vout
22
Vout
23
Vout
24
Vout
25
Vout
26
Remote Sense Vout
27
Sync Out
Specifications
Characteristics
PT7707 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N
0.1*
—18**
A
Ta = +25°C, natural convection
0.1*
—15**
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 15A
4.5***
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 15A
Vo-0.03
Vo+0.03
V
0°C
≤ Ta ≤ +65°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 15A
±10
mV
Load Regulation
Regload
Vin = +5V, 0.1 ≤ Io ≤ 15A
±10
mV
Vo Ripple/Noise
Vn
Vin = +5V, Io = 15A
50
mV
Transient Response
ttr
Io step between 7.5A and 15A
100
µSec
with Cout = 330µF
Vos
Vo over/undershoot
200
mV
Efficiency
η
Vin = +5V, Io = 10A
Vo = 3.3V
89
%
Vo = 2.9V
87
%
Vo = 2.5V
85
%
Vo = 1.8V
79
%
Vo = 1.5V
77
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
650
700
750
kHz
0.1A
≤ Io ≤ 15A
Absolute Maximum
Ta
—0
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Forced Air Flow = 200 LFM
0
+65****
°C
Temperature Range
Over Vin and Io Ranges
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
500
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
—10
G’s
20-2000 Hz, Soldered in a PC board
Weight
Vertical/Horizontal
31/41
grams
* ISR-will operate down to no load with reduced specifications. Please note that this product is not short-circuit protected.
**The PT7707 series can be easily paralleled with one or more of the PT7749 Current Boosters to provide increased output current in increments of 18A.
*** The minimum input voltage is 4.5V or Vout+1.2V, whichever is greater.
****See SOA curves.
Output Capacitors: The PT7707 series requires a minimum ouput capacitance of 330µF for proper operation. Do not use Oscon type capacitors. The maximum allow-
able output capacitance is 15,000µF.
Input Filter: An input filter is optional for most applications. The input inductor must be sized to handle 18ADC with a typical value of 1µH. The input capacitance must be
rated for a minimum of 1.3Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required.
Revised 7/24/98
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
PT7705
7 - 11
13 - 19
20 - 25
27
V
IN
GND
1µH
GND
V
OUT
C
OUT
+
C
IN
+
12
26
1
L1
SYNC OUT
LOAD
REMOTE SENSE (+)
REMOTE SENSE (-)
VID1
VID2
VID3
VID4
PROGRAMMING PINS
2
3
4
STBY*
5
6
VID0
PT7707
18 AMP “BIG-HAMMER” PROGRAMMABLE
INTEGRATED SWITCHING REGULATOR
Series


Similar Part No. - PT7707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7707 TI1-PT7707 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
PT7707C TI1-PT7707C Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
PT7707 TI1-PT7707_08 Datasheet
226Kb / 5P
[Old version datasheet]   INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT7707

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7720 TI-PT7720 Datasheet
200Kb / 4P
[Old version datasheet]   17 AMP 12V INPUT ?쏝IG-HAMMER II??PROGRAMMABLE ISR
PT7750 TI-PT7750 Datasheet
196Kb / 3P
[Old version datasheet]   15 AMP 24V INPUT ?쏝IG-HAMMER III??PROGRAMMABLE ISR
PT6700 TI-PT6700 Datasheet
118Kb / 3P
[Old version datasheet]   13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
SLTS116 TI-SLTS116 Datasheet
160Kb / 3P
[Old version datasheet]   32 Amp Programmable Integrated Switching Regulator
PT7778 TI-PT7778 Datasheet
156Kb / 3P
[Old version datasheet]   32 Amp Programmable Integrated Switching Regulator
PT7600 TI-PT7600 Datasheet
176Kb / 3P
[Old version datasheet]   10 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6680 TI1-PT6680 Datasheet
157Kb / 6P
[Old version datasheet]   5 Amp 18-36V Input Integrated Switching Regulator
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com