Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5022A Datasheet(PDF) 4 Page - Texas Instruments

Part # PT5022A
Description  POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5022A Datasheet(HTML) 4 Page - Texas Instruments

  PT5022A Datasheet HTML 1Page - Texas Instruments PT5022A Datasheet HTML 2Page - Texas Instruments PT5022A Datasheet HTML 3Page - Texas Instruments PT5022A Datasheet HTML 4Page - Texas Instruments PT5022A Datasheet HTML 5Page - Texas Instruments PT5022A Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
PT5025A
ACTIVE
SIP MOD
ULE
EAA
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5025C
ACTIVE
SIP MOD
ULE
EAC
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5025H
ACTIVE
SIP MOD
ULE
EAH
3
16
TBD
Call TI
Level-1-215C-UNLIM
PT5025L
ACTIVE
SIP MOD
ULE
EAL
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5025N
ACTIVE
SIP MOD
ULE
EAD
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5026A
ACTIVE
SIP MOD
ULE
EAA
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5026C
ACTIVE
SIP MOD
ULE
EAC
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5026CT
ACTIVE
SIP MOD
ULE
EAC
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT5026H
ACTIVE
SIP MOD
ULE
EAH
3
16
TBD
Call TI
Level-1-215C-UNLIM
PT5026J
ACTIVE
SIP MOD
ULE
EAJ
3
16
TBD
Call TI
Level-1-215C-UNLIM
PT5026L
ACTIVE
SIP MOD
ULE
EAL
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5026LT
ACTIVE
SIP MOD
ULE
EAL
3
200
TBD
Call TI
Level-1-215C-UNLIM
PT5026M
ACTIVE
SIP MOD
ULE
EAM
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5026N
ACTIVE
SIP MOD
ULE
EAD
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5027A
ACTIVE
SIP MOD
ULE
EAA
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5027C
ACTIVE
SIP MOD
ULE
EAC
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5027N
ACTIVE
SIP MOD
ULE
EAD
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5028A
ACTIVE
SIP MOD
ULE
EAA
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5028N
ACTIVE
SIP MOD
ULE
EAD
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5029A
ACTIVE
SIP MOD
ULE
EAA
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5029C
ACTIVE
SIP MOD
ULE
EAC
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5029M
ACTIVE
SIP MOD
ULE
EAM
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5030A
ACTIVE
SIP MOD
ULE
EAA
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5030C
ACTIVE
SIP MOD
ULE
EAC
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5030L
ACTIVE
SIP MOD
ULE
EAL
3
35
TBD
Call TI
Level-1-215C-UNLIM
PT5030N
ACTIVE
SIP MOD
ULE
EAD
3
35
TBD
Call TI
Level-1-215C-UNLIM
PACKAGE OPTION ADDENDUM
www.ti.com
13-Oct-2005
Addendum-Page 2


Similar Part No. - PT5022A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5022A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
logo
Asahi Kasei Microsystem...
AP1156ADS15 AKM-AP1156ADS15 Datasheet
780Kb / 25P
   Negative Input / Output Voltage LDO Regulator
AP1156ADSXX AKM-AP1156ADSXX Datasheet
780Kb / 25P
   Negative Input / Output Voltage LDO Regulator
logo
HuaXinAn Electronics CO...
AP1156ADSXX HUAXINAN-AP1156ADSXX Datasheet
792Kb / 24P
   Negative Input / Output Voltage LDO Regulator
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
MORNSUN Science& Techno...
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
   SINGLE POSITIVE/NEGATIVE OUTPUT
logo
Texas Instruments
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com