Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6653 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6653
Description  5 AMP 24V INPUT INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6653 Datasheet(HTML) 3 Page - Texas Instruments

  PT6653 Datasheet HTML 1Page - Texas Instruments PT6653 Datasheet HTML 2Page - Texas Instruments PT6653 Datasheet HTML 3Page - Texas Instruments PT6653 Datasheet HTML 4Page - Texas Instruments PT6653 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For assistance or to order, call (800) 531-5782
3
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Application
Notes
PT6650 Series
More Application Notes
Adjusting the Output Voltage of the
PT6650 5Amp 24V Bus Converter Series
The output voltage of the Power Trends PT6650 Series ISRs
may be adjusted higher or lower than the factory trimmed pre-
set voltage with the addition of a single external resistor. Table 1
accordingly gives the allowable adjustment range for each model
in the series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 14 (Vo adjust) and pins 7-10
(GND).
Adjust Down:
Add a resistor (R1), between pin 14 (Vo adjust)
and pins 11-13 (Vout).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistorin either the (R1) or R2 loca-
tion. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND,
Vout, or the Remote Sense pin. Any capacitance added to
the Vo adjust pin will affect the stability of the ISR.
3. If the Remote Sense feature is being used, connecting the
resistor (R1) between pin 14 (Vo adjust) and pin 1 (Remote
Sense) can benefit load regulation.
4. The minimum input voltage required by the part is Vout + 3,
or 9V, whichever is higher.
5. For output voltages above 12.5Vdc, the maximum output
current must be limited to 4Adc.
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Vo – 1.25)(Va – 1.25)
(R1)
=
1.25 (Vo – Va)
– Rs
k
Ro (Vo – 1.25)
– Rs
k
R2
=
Va - Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value in Table 1
Rs = The series resistance from Table 1
Figure 1
Table 1
PT6650 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6652
PT6651
PT6653
PT6654
PT6656
PT6655
Vo (nom)
2.5V
3.3V
5.0V
9.0V
12.0V
15.0V
Va (min)
1.8V
2.2V
3.0V
6.0V
9.0V
10.0V
Va (max)
4.3V
4.7V
6.5V
10.2V
13.6V
17.0V
Ro (k
Ω)
4.99
4.22
2.49
2.0
2.0
2.0
Rs (k
Ω)
2.49
4.99
4.99
12.7
12.7
12.7
C
in
100
µF
+
C
out
330
µF
+
(R1)
Adj Down
R2
Adjust Up
Vo
COM
COM
Vin
L
O
A
D
PT6650
11,12,13
14
7,8,9,10
4,5,6
Vin
V o
G N D
Vo(adj)
STBY
3
Vsense
1


Similar Part No. - PT6653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6653 TI1-PT6653 Datasheet
373Kb / 16P
[Old version datasheet]   5-A 12 /24-V Input Adjustable Integrated Switching Regulator
PT6653 TI-PT6653 Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
PT6653B TI-PT6653B Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
PT6653D TI-PT6653D Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
PT6653E TI-PT6653E Datasheet
351Kb / 16P
[Old version datasheet]   Single Device: 5-A Output Input Voltage Range: 9 V to 28 V 12 V / 24 V Input Compatible
More results

Similar Description - PT6653

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6680 TI1-PT6680 Datasheet
157Kb / 6P
[Old version datasheet]   5 Amp 18-36V Input Integrated Switching Regulator
PT6620 TI-PT6620 Datasheet
237Kb / 5P
[Old version datasheet]   6 AMP 12V INPUT INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT5120 TI1-PT5120 Datasheet
474Kb / 4P
[Old version datasheet]   1 AMP LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
logo
Fairchild Semiconductor
FAN2103 FAIRCHILD-FAN2103 Datasheet
893Kb / 14P
   3A, 24V Input Integrated Synchronous Buck Regulator
logo
Texas Instruments
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6220 TI-PT6220 Datasheet
533Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com