Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6700 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6700
Description  13 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6700 Datasheet(HTML) 1 Page - Texas Instruments

  PT6700 Datasheet HTML 1Page - Texas Instruments PT6700 Datasheet HTML 2Page - Texas Instruments PT6700 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Standard Application
For STBY* pin
open = output enabled
ground = output disabled.
Pin-Out Information
Pin Function
1
OVP Drive
2
Pwr Good
3
VID0
4
VID1
5
VID2
6
VID3
7
VID4
8
STBY*
9
Do not connect
10
Vin
11
Vin
12
Vin
Pin Function
13
Remote Sense Gnd
14
GND
15
GND
16
GND
17
GND
18
GND
19
Vout
20
Vout
21
Vout
22
Vout
23
Remote Sense Vout
PT6700
The PT6700 is a new series of
high-performance, 13 Amp Integrated
Switching Regulators (ISRs) housed in
a unique, space-saving 23-pin SIP
package. The 13A capability allows
easy integration of the latest high-
speed, low-voltage µPs and bus drivers
into existing 5V systems.
The output voltage of the PT6700
can be programmed easily from 1.3V
to 3.5V with a 5-bit input compatible
with Intel’s PentiumII Processor.
The PT6700 includes a differential
remote sense which automatically com-
pensates for any voltage drop from the
ISR to the load. Also provided are
internal short circuit protection,
OVP drive and a power good output
signal. When over-voltage is de-
tected, the PT6700 provides drive for
an external crowbar or other protec-
tion circuitry.
For assistance or to order, call (800) 531-5782
Cin = Required 1000µF electrolytic
Cout= Required 330µF electrolytic
L1 = Optional 1µH input choke
R1 = Required 10k
Ω pull-up when using Pwr Good signal. Pwr good
output is high when the output voltage is within specification.
Specifications
Characteristics
PT6700 SERIES
(T
a = 25°C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Ta = +60°C, 200 LFM, pkg N
0.1*
—13
A
Ta = +25°C, natural convection
0.1*
—13
A
Input Voltage Range
Vin
0.1A
≤ Io ≤ 13A
4.5
5.5
V
Output Voltage Tolerance
∆Vo
Vin = +5V, Io = 13A
Vo-0.03
Vo+0.03
V
-40°C
≤ Ta ≤ +65°C
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 13A
±10
mV
Load Regulation
Regload
Vin = +5V, 0.1
≤ Io ≤ 13A
±20
mV
Vo Ripple/Noise
Vn
Vin = +5V, Io = 13A
50
mV
Transient Response
ttr
Io step between 6A and 12A
70
µSec
with Cout = 330µF
Vos
Vo over/undershoot
100
mV
Efficiency
η
Vin = +5V, Io = 8A
Vo = 3.3V
91
%
Vo = 2.9V
90
%
Vo = 2.5V
89
%
Vo = 1.8V
85
%
Vo = 1.5V
83
%
Switching Frequency
ƒo
4.5V
≤ Vin ≤ 5.5V
300
350
400
kHz
0.1A
≤ Io ≤ 12.5A
Absolute Maximum
Ta
-40
+85
°C
Operating Temperature Range
Recommended Operating
Ta
Forced Air Flow = 200 LFM
-40
+65
°C
Temperature Range
Over Vin and Io Ranges
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3
1 msec, Half Sine, mounted to a fixture
TBD
G’s
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2,
TBD
G’s
20-2000 Hz, Soldered in a PC board
Weight
26
grams
* ISR-will operate down to no load with reduced specifications.
Output Capacitors: The PT6700 series requires a minimum ouput capacitance of 330µF. The maximum allowable output capacitance is 15,000µF.
Input Filter: An input filter is optional for most applications. The input inductor must be sized to handle 12.5ADC with a typical value of 1µH. The input capacitance must
be rated for a minimum of 1.6Arms of ripple current. For transient or dynamic load applications, additional capacitance may be required.
Revised 9/13/99
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
PT6700
10 - 12
14 - 18
19 - 22
2
V
IN
GND
1µH
GND
V
OUT
C
OUT
+
C
IN
+
13
23
3
L1
PWR GOOD
LOAD
REMOTE SENSE (+)
REMOTE SENSE (-)
VID1
VID2
VID3
VID4
PROGRAMMING PINS
4
5
6
STBY*
8
7
VID0
OVP DRV
1
R1
13 AMP PROGRAMMABLE
INTEGRATED SWITCHING REGULATOR
Series
Patent pending on package assembly
New Space-Saving
Package


Similar Part No. - PT6700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
logo
Advanced Semiconductor
PT6709 ASI-PT6709 Datasheet
94Kb / 1P
   NPN SILICON RF POWER TRANSISTOR
More results

Similar Description - PT6700

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SLTS116 TI-SLTS116 Datasheet
160Kb / 3P
[Old version datasheet]   32 Amp Programmable Integrated Switching Regulator
PT7778 TI-PT7778 Datasheet
156Kb / 3P
[Old version datasheet]   32 Amp Programmable Integrated Switching Regulator
PT7600 TI-PT7600 Datasheet
176Kb / 3P
[Old version datasheet]   10 AMP PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6703 TI-PT6703 Datasheet
168Kb / 7P
[Old version datasheet]   13-A Low-Voltage Programmable Integrated Switching Regulator
PT7705 TI-PT7705 Datasheet
200Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7706 TI-PT7706 Datasheet
180Kb / 3P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT7707 TI-PT7707 Datasheet
199Kb / 4P
[Old version datasheet]   18 AMP ?쏝IG-HAMMER??PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
PT7711 TI-PT7711 Datasheet
184Kb / 9P
[Old version datasheet]   20-A Programmable Integrated Switching Regulator
PT8139 TI1-PT8139 Datasheet
190Kb / 9P
[Old version datasheet]   30-A Programmable Integrated Switching Regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com