Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6505 Datasheet(PDF) 6 Page - Texas Instruments

Part # PT6505
Description  8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6505 Datasheet(HTML) 6 Page - Texas Instruments

  PT6505 Datasheet HTML 1Page - Texas Instruments PT6505 Datasheet HTML 2Page - Texas Instruments PT6505 Datasheet HTML 3Page - Texas Instruments PT6505 Datasheet HTML 4Page - Texas Instruments PT6505 Datasheet HTML 5Page - Texas Instruments PT6505 Datasheet HTML 6Page - Texas Instruments PT6505 Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
For assistance or to order, call (800) 531-5782
4
Application
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Notes
PT6500/PT6600 Series
Table 2
PT6500/PT6600 ADJUSTMENT RESISTOR VALUES
Series Pt #
PT6505
PT6507
PT6502
PT6508
PT6506
PT6503
PT6501
PT6504
PT6605
PT6607
PT6602
PT6608
PT6606
PT6603
PT6601
PT6604
Vo (nom)
1.2
1.3
1.5
1.7
1.8
2.5
3.3
3.6
Va (req’d)
1.15
(5.5)k
1.2
(3.0)k
1.25
47.8k
(10.5)k
1.3
22.9k
(1.7)k
1.35
14.6k
47.8k
(3.8)k
1.4
10.5k
22.9k
(8.0)k
(1.3)k
(0.5)k
1.45
8.0k
14.6k
(20.4)k
(2.5)k
(1.2)k
1.5
6.3k
10.5k
(4.2)k
(2.2)k
1.55
5.1k
8.0k
47.8k
(7.1)k
(3.5)k
1.6
4.2k
6.3k
22.9k
(12.9)k
(5.5)k
1.65
3.5k
4.1k
14.6k
(30.4)k
(8.8)k
1.7
3.0k
4.2k
10.5k
(15.4)k
1.75
2.5k
3.5k
8.0k
47.8k
(35.4)k
1.8
2.2k
3.0k
6.3k
22.9k
(1.5)k
1.85
1.8k
2.5k
5.1k
14.6k
47.8k
(2.3)k
1.9
1.6k
2.2k
4.2k
10.5k
22.9k
(3.3)k
1.95
1.3k
1.8k
3.5k
8.0k
14.6k
(4.4)k
2.0
1.1k
1.6k
3.0k
6.3k
10.5k
(5.8)k
2.05
0.9k
1.3k
2.5k
5.1k
8.0k
(7.4)k
2.1
0.8k
1.1k
2.2k
4.2k
6.3k
(9.5)k
2.15
0.6k
0.9k
1.8k
3.5k
5.1k
(12.2)k
2.2
0.5k
0.8k
1.6k
3.0k
4.2k
(15.7)k
2.25
0.4k
0.6k
1.3k
2.5k
3.5k
(20.7)k
(2.3)k
2.3
0.3k
0.5k
1.1k
2.2k
3.0k
(28.2)k
(3.6)k
2.35
0.2k
0.4k
0.9k
1.8k
2.5k
(40.7)k
(5.1)k
2.4
0.3k
0.8k
1.6k
2.2k
(65.6)k
(6.7)k
2.45
0.2k
0.6k
1.3k
1.8k
(140.0)k
(8.5)k
2.5
0.5k
1.1k
1.6k
(10.6)k
(1.5)k
2.55
0.4k
0.9k
1.3k
95.6k
(12.9)k
(2.7)k
2.6
0.3k
0.8k
1.1k
45.7k
(15.6)k
(3.9)k
2.65
0.2k
0.6k
0.9k
29.0k
(18.6)k
(5.3)k
2.7
0.5k
0.8k
20.7k
(22.2)k
(6.8)k
2.75
0.4k
0.6k
15.7k
(26.4)k
(8.5)k
2.8
0.3k
0.5k
12.4k
(31.5)k
(10.4)k
2.85
0.2k
0.4k
10.0k
(37.6)k
(12.6)k
2.9
0.3k
8.3k
(45.4)k
(15.0)k
2.95
0.2k
0.9k
(55.3)k
(17.9)k
3.0
5.8k
(68.6)k
(21.2)k
3.1
4.1k
(115.0)k
(29.9)k
3.2
2.9k
(254.0)k
(42.9)k
3.3
2.0k
(64.6)k
3.4
1.3k
109.0k
(108.0)k
3.5
0.8k
48.4k
(238.0)k
3.6
28.2k
3.7
18.2k
87.9k
3.8
12.1k
37.9k
3.9
4/. Vout >3.8Vdc requires Vin >5.0Vdc !
8.1k
21.2k
4.0
5.2k
12.9k
4.1
3.0k
7.9k
4.2
1.3k
4.6k
4.3
2.2k
R1 = (Red)
R2 = Black


Similar Part No. - PT6505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6505 TI1-PT6505 Datasheet
241Kb / 10P
[Old version datasheet]   Small SIP Footprint
More results

Similar Description - PT6505

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6510 TI-PT6510 Datasheet
432Kb / 19P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT652X TI-PT652X Datasheet
193Kb / 8P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6520 TI-PT6520 Datasheet
222Kb / 12P
[Old version datasheet]   8-A 5-V/3.3-V Input Adjustable ISR with Short-Circuit protection
PT6305 TI-PT6305 Datasheet
319Kb / 3P
[Old version datasheet]   3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
logo
List of Unclassifed Man...
PT6200 ETC1-PT6200 Datasheet
68Kb / 3P
   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
logo
Texas Instruments
PT6202N TI1-PT6202N Datasheet
85Kb / 5P
[Old version datasheet]   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
TPD3S716-Q1 TI1-TPD3S716-Q1 Datasheet
2Mb / 32P
[Old version datasheet]   Automotive USB 2.0 Interface Protection with Adjustable Current Limit and Short-to-Battery, Short-Circuit Protection
logo
STMicroelectronics
STEVAL-ILL063V1 STMICROELECTRONICS-STEVAL-ILL063V1 Datasheet
239Kb / 4P
   Short-circuit protection
December 2014 Rev 2
logo
Infineon Technologies A...
TLE7209-3R INFINEON-TLE7209-3R Datasheet
676Kb / 32P
   Short circuit protection
logo
STMicroelectronics
STEVAL-ILL074V2 STMICROELECTRONICS-STEVAL-ILL074V2 Datasheet
310Kb / 5P
   Short circuit protection
February 2017 Rev 5
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com