Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6603 Datasheet(PDF) 3 Page - Texas Instruments

Part # PT6603
Description  9 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6603 Datasheet(HTML) 3 Page - Texas Instruments

  PT6603 Datasheet HTML 1Page - Texas Instruments PT6603 Datasheet HTML 2Page - Texas Instruments PT6603 Datasheet HTML 3Page - Texas Instruments PT6603 Datasheet HTML 4Page - Texas Instruments PT6603 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
For assistance or to order, call (800) 531-5782
3
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Application
Notes
PT6500/PT6600 Series
More Application Notes
Adjusting the Output Voltage of the PT6500 and
PT6600 5V Bus Converters
The output voltage of the Power Trends PT6500/PT6600
Series ISRs may be adjusted higher or lower than the factory
trimmed pre-set voltage with the addition of a single external
resistor. Table 1 accordingly gives the allowable adjustment
range for each model in the series as Va (min) and Va (max).
Adjust Up:
An increase in the output voltage is obtained by
adding a resistor R2, between pin 14 (Vo adjust) and pins 7-10
(GND).
Adjust Down:
Add a resistor (R1), between pin 14 (Vo adjust)
and pins 11-13 (Vout).
Refer to Figure 1 and Table 2 for both the placement and value
of the required resistor, either (R1) or R2 as appropriate.
Notes:
1. Use only a single 1% resistor in either the (R1) or R2 loca-
tion. Place the resistor as close to the ISR as possible.
2. Never connect capacitors from Vo adjust to either GND,
Vout, or the Remote Sense pin. Any capacitance added to
the Vo adjust pin will affect the stability of the ISR.
3. If the Remote Sense feature is being used, connecting the
resistor (R1) between pin 14 (Vo adjust) and pin 1 (Remote
Sense) can benefit load regulation.
4. The minimum input voltage required by the part is
Vout + 1.2 or 3.1V, whichever is higher.
Figure 1
C
in
330
µF
+
C
out
330
µF
+
(R1)
Adj Down
R2
Adjust Up
Vo
COM
Vin
COM
PT6500/6600
11,12,13
14
7,8,9,10
4,5,6
Vin
Vo
G N D
Vo(adj)
STBY
3
V o(sense)
1
L
O
A
D
The values of (R1) [adjust down], and R2 [adjust up], can
also be calculated using the following formulae.
Ro (Va – 1.0)
(R1)
=
(Vo – Va)
– Rs k
Ro
– Rs
k
R2
=
Va - Vo
Where: Vo = Original output voltage
Va = Adjusted output voltage
Ro = The resistance value in Table 1
Rs = The series resistance from Table 1
Table 1
PT6500/6600 ADJUSTMENT AND FORMULA PARAMETERS
Series Pt #
PT6505
PT6507
PT6502
PT6508
PT6506
PT6503
PT6501
PT6504
PT6605
PT6607
PT6602
PT6608
PT6606
PT6603
PT6601
PT6604
Vo (nom)
1.2
1.3
1.5
1.7
1.8
2.5
3.3
3.6
Va (min)
1.14
1.19
1.27
1.36
1.4
1.8
2.25
2.5
Va (max)
2.35
2.45
2.65
2.85
2.95
3.5
4.2
4.3
Ro (k
Ω)
2.49
2.49
2.49
2.49
2.49
4.99
12.1
10.0
Rs (k
Ω)
2.0
2.0
2.0
2.0
2.0
4.22
12.1
12.1


Similar Part No. - PT6603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6603 TI1-PT6603 Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6603F TI1-PT6603F Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6603G TI1-PT6603G Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6603Q TI1-PT6603Q Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
PT6603S TI1-PT6603S Datasheet
1Mb / 9P
[Old version datasheet]   Single Device 9A Output
More results

Similar Description - PT6603

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT6400 TI-PT6400 Datasheet
227Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6420 TI-PT6420 Datasheet
234Kb / 5P
[Old version datasheet]   3 AMP ADJUSTABLE INTEGRATED SWITCHING REGULATOR
PT6405D TI1-PT6405D Datasheet
527Kb / 7P
[Old version datasheet]   3 Amp 5V Input Adjustable Integrated Switching Regulator
PT6610 TI-PT6610 Datasheet
70Kb / 3P
[Old version datasheet]   9 AMP 5V STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6120 TI-PT6120 Datasheet
512Kb / 6P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6100 TI-PT6100 Datasheet
275Kb / 5P
[Old version datasheet]   1 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6312B TI1-PT6312B Datasheet
386Kb / 3P
[Old version datasheet]   2 AMP ADJUSTABLE POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT6222 TI1-PT6222 Datasheet
528Kb / 7P
[Old version datasheet]   2 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
PT6705 TI-PT6705 Datasheet
358Kb / 6P
[Old version datasheet]   13 Amp 5V/3.3V Input Adjustable Integrated Switching Regulator
PT6121 TI1-PT6121 Datasheet
541Kb / 7P
[Old version datasheet]   1 AMP ADJUSTABLE LOW VOLTAGE INPUT INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com