Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4303C Datasheet(PDF) 1 Page - Texas Instruments

Part # PT4303C
Description  3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4303C Datasheet(HTML) 1 Page - Texas Instruments

  PT4303C Datasheet HTML 1Page - Texas Instruments PT4303C Datasheet HTML 2Page - Texas Instruments PT4303C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PT42/4300
Wide Input Voltage Range:
38V to 72V
83% Efficiency
1,500 VDC Isolation
18 Pin DIP Package
3.5 Million Hour MTBF
Meets FCC/EN55022 Class A
UL and CSA approved
No External Components Required
Adjustable Output Voltage
Power Trends’ PT4200 series of isolated
DC to DC converters advance the state-of-the-
art for board-mounted converters by employing
high switching frequencies, thick-film technology
and a high degree of silicon integration. The high
reliability and very low package height makes
these converters ideal for Telecom and Datacom
applicationsrequiringinput-to-outputisolation
with board spacing down to 0.6”.
The PT4200 series is offered in a unique
molded through-hole or SMD-DIP package
with single output voltages of 2V, 3.3V, 5V, and
12V, dual outputs of ±5V, +5V/+3.3V, and ±12V.
Ordering Information
Through-Hole
PT4201A = 2V/1.5A
PT4202A = 3.3V/1.5A
PT4203A = 5V/1.2A
PT4204A = 12V/0.6A
PT4301A = ±5V/1A
PT4302A = +5.2V/1A,
+3.3V/1A
PT4303A = ±12V/0.25A
Surface Mount
PT4201C = 2V/1.5A
PT4202C = 3.3V/1.5A
PT4203C = 5V/1.2A
PT4204C = 12V/0.6A
PT4301C = ±5V/1A
PT4302C = +5.2V/1A,
+3.3V/1A
PT4303C = ±12V/0.25A
Pin-Out Information
Pin
Function
1Vout1
2Vout return
3Vout2 or N/C
4
Do not connect
5
Do not connect
6
Do not connect
7
Do not connect
8*
Vadj
9*
Nominal output
voltage resistor
10
Turn-on/off input
voltage adjust
11
Remote on/off
12
Do not connect
13
Do not connect
14
Do not connect
15
Do not connect
16
Do not connect
17
-Vin
18
+Vin
* Please note that when the Vout
adjust is not used, pin 8 must be
connected to pin 9.
3-7 WATT 48V INPUT
ISOLATED DC-DC CONVERTER
Series
(For dimensions and PC
board layout, see Package
Style 900.)
Specifications
Characteristics
Characteristics
Characteristics
Characteristics
Characteristics
PT42
PT42
PT42
PT42
PT42/4300
/4300
/4300
/4300
/4300 SERIES
SERIES
SERIES
SERIES
SERIES
(T
(T
(T
(T
(T
a
a
a
a
a = 25°C unless noted)
= 25°C unless noted)
= 25°C unless noted)
= 25°C unless noted)
= 25°C unless noted)
Symbols
Symbols
Symbols
Symbols
Symbols
Conditions
Conditions
Conditions
Conditions
Conditions
Min
Min
Min
Min
Min
Typ
Typ
Typ
Typ
Typ
Max
Max
Max
Max
Max
Units
Units
Units
Units
Units
Output Current
Io
Over Vin range
Vo = 2V, 3.3V
0
1.5
A
Vo = 5V
0
1.2
A
Vo = 12V
0
0.6
A
Current Limit
Icl
Vin = 48V
Vo = 2V
2.0
3.3
A
Vo = 3.3V
1.7
3.3
A
Vo = 5V
1.4
2.4
A
Vo = 12V
0.7
1.2
A
On/Off Standby Current
Iin standby
Vin = 48V, Pin 11 = -Vin
0.5
mA
Short Circuit Current
Isc
Vin = 48V
Vo = 2V
2.8
A
Vo = 3.3V
2.4
A
Vo = 5V
1.9
A
Vo = 12V
1.2
A
Inrush Current
Iir
Vin = 48V @ max Io
0.6
1.0
A
tir
On start-up
1.0
5.0
mSec
Input Voltage Range
Vin
Over Io Range
38**
48
72
V
Output Voltage Tolerance
∆Vo
Over Io Range
±4
%Vo
Idling Voltage
Vo
Io = 0A
Vo = 2V
2.7
3.0
V
Vo = 3.3V
3.65
4.0
V
Vo = 5V
5.6
6.0
V
Vo = 12V
14.3
17
V
Ripple Rejection
RR
Over Vin range @ 120 Hz
60
dB
Line Regulation
Regline
Over Vin range @ max Io
±0.5
%Vo
Load Regulation
Regload
10% to 100% of Io max
±3
%Vo
Vo Ripple/Noise
Vn
Vin= 48V, Io=Io max
30
70
mVpp
Transient Response
ttr
50% load change
100
300
µSec
Vo over/undershoot
3.0
5.0
%Vo
Efficiency
η
Vin=48V, Io=1.5A, Vo=2V
73
%
Vin=48V, Io=1.5A, Vo=3.3V
79
%
Vin=48V, Io=1.2A, Vo=5V
80
%
Vin=48V, Io=0.6A, Vo=12V
83
%
Switching Frequency
ƒo
Over Vin and Io
485
kHz
Operating Temperature
Ta
Vin = 48V @ max Io
-40
+85
°C
Free air convection, (40-60LFM)
Pin Temperature
Tp
@ Pin1
95
°C
Storage Temperature
Ts
-55
+125
°C
Mechanical Shock
Per Mil-STD-202F, Method 213B,
—50
G’s
6mS half-sine, mounted to a PCB
Mechanical Vibration
Per Mil-STD-202F, Method 204D,
—10
G’s
10-500Hz, mounted to a PCB
Weight
20
grams
Isolation
1500
VDC
Flammability
Materials meet UL 94V-0
** Minimum input voltage is adjustable - See application note.
PT42/4300
18
17
16
15
14
13
12
11
10
1
2
3
4
5
6
7
8
9
+Vin
-Vin
NC
RC
TOA
+Vout1
-Vout
+Vout2 or NC
NC
Vadj
NOR
Standard Application
For assistance or to order, call (800) 531-5782
66
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://www.powertrends.com
Application Notes
Mechanical Outline
Product Selector Guide
Revised 5/15/98


Similar Part No. - PT4303C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4303C TI1-PT4303C Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
More results

Similar Description - PT4303C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4205 TI-PT4205 Datasheet
187Kb / 3P
[Old version datasheet]   3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4220 TI-PT4220 Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
[Old version datasheet]   15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4212 TI-PT4212 Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
PT4210 TI1-PT4210 Datasheet
424Kb / 6P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com