Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPLL58-4160-4380 Datasheet(PDF) 3 Page - CRYSTEK CORPORATION

Part # CPLL58-4160-4380
Description  RF PLL Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CPLL58-4160-4380 Datasheet(HTML) 3 Page - CRYSTEK CORPORATION

  CPLL58-4160-4380 Datasheet HTML 1Page - CRYSTEK CORPORATION CPLL58-4160-4380 Datasheet HTML 2Page - CRYSTEK CORPORATION CPLL58-4160-4380 Datasheet HTML 3Page - CRYSTEK CORPORATION CPLL58-4160-4380 Datasheet HTML 4Page - CRYSTEK CORPORATION CPLL58-4160-4380 Datasheet HTML 5Page - CRYSTEK CORPORATION CPLL58-4160-4380 Datasheet HTML 6Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MICROWAVE
A Division of Crystek Corporation
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical Temperature Zone
Ramp-Down
6°C/Sec.
0.582" × 0.800" SMD
CPLL58-4160-4380
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Page 3 of 6
TOP ORIENTATION MARK
TOP VIEW
0.582
0.411
0.331
0.251
0.171
0.00
GND
BOTTOM VIEW
0.000
0.052
Pad Detail
LE
DATA
CLK
LD
REF
V1
V2
RF
CRYSTEK
CPLL58
4160-4380
YYWW
GND
GND
GND
GND
GND
GND
GND
= Load Enable, CMOS Input
= Serial Data Input
= Clock
= Lock Detect
= Reference Input
= Analog Supply Input (VCO)
= Digital Supply Input (PLL)
= RF Output
0.150
0.000


Similar Part No. - CPLL58-4160-4380

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL58-4240-4240 CRYSTEKMICROWAVE-CPLL58-4240-4240 Datasheet
135Kb / 6P
   RF PLL Synthesizer
More results

Similar Description - CPLL58-4160-4380

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL58-2416-2553 CRYSTEKMICROWAVE-CPLL58-2416-2553 Datasheet
130Kb / 6P
   RF PLL Synthesizer
CPLL58-2400-2500 CRYSTEKMICROWAVE-CPLL58-2400-2500 Datasheet
135Kb / 6P
   RF PLL Synthesizer
logo
Raltron Electronics Cor...
PLQ RALTRON-PLQ Datasheet
128Kb / 1P
   RF PLL Synthesizer
PLR RALTRON-PLR Datasheet
139Kb / 1P
   RF PLL Synthesizer
logo
CRYSTEK CORPORATION
CPLL58-3900-4300 CRYSTEKMICROWAVE-CPLL58-3900-4300 Datasheet
145Kb / 7P
   RF PLL Synthesizer
CPLL58-2175-2175 CRYSTEKMICROWAVE-CPLL58-2175-2175 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-3475-3475 CRYSTEKMICROWAVE-CPLL58-3475-3475 Datasheet
144Kb / 7P
   RF PLL Synthesizer
CPLL58-4240-4240 CRYSTEKMICROWAVE-CPLL58-4240-4240 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-2450-2450 CRYSTEKMICROWAVE-CPLL58-2450-2450 Datasheet
135Kb / 6P
   RF PLL Synthesizer
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
   High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com