Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPLL58-2416-2553 Datasheet(PDF) 1 Page - CRYSTEK CORPORATION

Part # CPLL58-2416-2553
Description  RF PLL Synthesizer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION

CPLL58-2416-2553 Datasheet(HTML) 1 Page - CRYSTEK CORPORATION

  CPLL58-2416-2553 Datasheet HTML 1Page - CRYSTEK CORPORATION CPLL58-2416-2553 Datasheet HTML 2Page - CRYSTEK CORPORATION CPLL58-2416-2553 Datasheet HTML 3Page - CRYSTEK CORPORATION CPLL58-2416-2553 Datasheet HTML 4Page - CRYSTEK CORPORATION CPLL58-2416-2553 Datasheet HTML 5Page - CRYSTEK CORPORATION CPLL58-2416-2553 Datasheet HTML 6Page - CRYSTEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
MICROWAVE
A Division of Crystek Corporation
Features
2.416GHz to 2.553GHz
Standard 3 Wire Interface
Small layout 0.582" × 0.8"
Applications
Digital Radio Equipment
Fixed Wireless Access
Satellite Communications Systems
Base Stations
Personal Communications Systems
Portable Radios
Test Instruments
Wireless Infrastructure
The CPLL58 is a complete PLL/Synthesizer needing only an external frequency reference and supply
voltages for the internal PLL (phase lock loop) and VCO (voltage controlled oscillator). The Crystek
CPLL58 is programmed using a standard three line interface (Data, Clock and Load Enable).
The CPLL58 family has been initially released to cover 1GHz to 5GHz in bands. It is housed in a
compact 0.582-in. × 0.8-in. × 0.15-in. SMD package which saves board space. Typical phase noise at
4GHz is -90dBc/Hz at 10KHz offset with 0dBm minimum output power.
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Page 1 of 6
Rev A
0.582" × 0.800" SMD
CPLL58-2416-2553


Similar Part No. - CPLL58-2416-2553

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL58-2400-2500 CRYSTEKMICROWAVE-CPLL58-2400-2500 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-2450-2450 CRYSTEKMICROWAVE-CPLL58-2450-2450 Datasheet
135Kb / 6P
   RF PLL Synthesizer
More results

Similar Description - CPLL58-2416-2553

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CPLL58-2400-2500 CRYSTEKMICROWAVE-CPLL58-2400-2500 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-4160-4380 CRYSTEKMICROWAVE-CPLL58-4160-4380 Datasheet
160Kb / 6P
   RF PLL Synthesizer
logo
Raltron Electronics Cor...
PLQ RALTRON-PLQ Datasheet
128Kb / 1P
   RF PLL Synthesizer
PLR RALTRON-PLR Datasheet
139Kb / 1P
   RF PLL Synthesizer
logo
CRYSTEK CORPORATION
CPLL58-3900-4300 CRYSTEKMICROWAVE-CPLL58-3900-4300 Datasheet
145Kb / 7P
   RF PLL Synthesizer
CPLL58-2175-2175 CRYSTEKMICROWAVE-CPLL58-2175-2175 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-3475-3475 CRYSTEKMICROWAVE-CPLL58-3475-3475 Datasheet
144Kb / 7P
   RF PLL Synthesizer
CPLL58-4240-4240 CRYSTEKMICROWAVE-CPLL58-4240-4240 Datasheet
135Kb / 6P
   RF PLL Synthesizer
CPLL58-2450-2450 CRYSTEKMICROWAVE-CPLL58-2450-2450 Datasheet
135Kb / 6P
   RF PLL Synthesizer
logo
Renesas Technology Corp
8V97052 RENESAS-8V97052 Datasheet
856Kb / 48P
   High Resolution Wideband RF Synthesizer / PLL
May 20, 2021
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com