Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT6305 Datasheet(PDF) 1 Page - Texas Instruments

Part # PT6305
Description  3 AMP HIGH-PERFORMANCE ADJUSTABLE ISR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT6305 Datasheet(HTML) 1 Page - Texas Instruments

  PT6305 Datasheet HTML 1Page - Texas Instruments PT6305 Datasheet HTML 2Page - Texas Instruments PT6305 Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
24
For assistance or to order, call (800) 531-5782
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902
Standard Application
C1 = Optional electrolytic (100µF)
C2 = Required 100µF electrolytic (No tantalum)
See capacitor application note on page 43.
3 AMP HIGH-PERFORMANCE
ADJUSTABLE ISR
PT6305
Series
Specifications
Characteristics
PT6305 SERIES
(T
A=25˚C unless noted)
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
4.5
≤ Vin ≤ Vin MAX
0.3
3.0**
ADC
Current Limit
Icl
Vin = +5V
3.6
5.0
ADC
Short Circuit Current
Isc
Vin = +5V
5.0
Apk
Input Voltage Range
Vin
0.3A
≤ Io ≤ 3.0A
PT6305N
4.5
9
VDC
PT6306N
4.5
9
VDC
PT6307N
4.5
9
VDC
PT6308N
4.5
6.0
VDC
Static Voltage Tolerance
Vo
Vin = +5V, Io = 3.0A
PT6305N
3.2
3.3
3.4
VDC
0°C
≤ Ta ≤ +70°C
PT6306N
1.7
1.8
1.9
VDC
PT6307N
2.0
2.1
2.2
VDC
PT6308N
1.1
1.2
1.3
VDC
Line Regulation
Regline
4.5V
≤ Vin ≤ 5.5V, Io = 3.0A
±25
±50
mV
Load Regulation
Regload
Vin = +5V, 0.3 ≤ Io ≤ 3.0A
±25
±50
mV
Vo Ripple/Noise pk-pk
Vn
Vin = 5V, Io = 3.0A
66
mV
Transient Response
ttr
Io step between 1.5A and 3.0A
200
µSec
with C2 = 100µF
Vos
Vo over/undershoot
200
mV
Efficiency
η
Vin = +5V, Io = 1.5A
PT6305N
85
%
PT6306N
74
%
PT6307N
77
%
PT6308N
63
%
Vin = +5V, Io = 3.0A
PT6305N
80
%
PT6306N
68
%
PT6307N
72
%
PT6308N
57
%
Switching Frequency
ƒo
4.5
≤ Vin ≤ Vin MAX
500
650
800
KHz
0.3A
≤ Io ≤ 3.0A
Operating Temperature
Ta
Free Air Convection (40-60 LFM)
0
+70*
°C
Over Vin and Io Ranges
Thermal Resistance
θ
ja
Free Air Convection (40-60 LFM)
25
°C/W
Storage Temperature
Ts
-40
+125
°C
Mechanical Shock
Per Mil-STD-883D, Method 2002.3 Condition A, 1 msec, Half Sine,
500
G’s
mounted to a fixture
Mechanical Vibration
Per Mil-STD-883D, Method 2007.2 Condition A, 20-2000 Hz
15
G’s
Weight
11.2
grams
Relative Humidity
Non-condensing
0
95
%
*See Thermal Derating chart. **The PT6305 Series can be easily paralleled to provide output current in multiples of 3 amps. Please contact a Power Trends’ Application Engineer for the
appropriate application note. Note: The PT6305 Series requires a 100µF electrolytic capacitor for proper operation in all applications.
VIN
(+)
COM
PT6305,6,7,8
5,6,7,8
9,10,11
COM
VOUT
(+)
C1
C2
VO Adjust
2,3,4
12
Ordering Information
PT6305
n = +3.3 Volts
PT6306
n = +1.8 Volts
PT6307
n = +2.1 Volts
PT6308
n = +1.2 Volts
(For dimensions, see page 66.)
Pin-Out Information
Pin No. Function
1
N/C
2
Vin
3
Vin
4
Vin
5
GND
6
GND
Pin No. Function
7
GND
8
GND
9
Vout
10
Vout
11
Vout
12
Adjust
(See page 40.)
Single-Device 5V to 3V Power
85% Efficiency
Small SIP Footprint:
0.36" x 2.00” x 0.60"(H)
Wide Input Voltage Range:
+4.5V to +9.0V
Internal Short Circuit Protection
Over-Temperature Protection
The PT6305N is Power Trends’
new high performance +5V to +3.3V, 3
Amp, 12-Pin SIP (Single In-line-
Package) Integrated Switching
Regulator (ISR). This high-perfor-
mance ISR allows easy integration of
low-power 3.3V logic IC’s into existing
5V systems without redesigning the
central power supply. Only one external
capacitor is required for proper
operation. The PT6306,7,8 can be used
to power high-speed data buses (+2.1V),
or the new GTL (+1.2V) logic buses.
PT Series Suffix (PT1234X)
Case/Pin
Heat Tab Configuration
Configuration
None
Side
Vertical Through-Hole
NR
Horizontal Through-Hole
AG
Horizontal Surface Mount
CB
(See Thermal Application Notes on page 44 for heat tab
application data.)
12
1


Similar Part No. - PT6305

ManufacturerPart #DatasheetDescription
logo
Princeton Technology Co...
PT6305 PTC-PT6305 Datasheet
132Kb / 17P
   VFD Driver/Controller IC
logo
Texas Instruments
PT6305 TI1-PT6305 Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
PT6305 TI1-PT6305_14 Datasheet
347Kb / 6P
[Old version datasheet]   Internal Short Circuit Protection
More results

Similar Description - PT6305

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT8000 TI-PT8000 Datasheet
422Kb / 8P
[Old version datasheet]   60 Amp High-Performance Programmable ISR
logo
List of Unclassifed Man...
PT6200 ETC1-PT6200 Datasheet
68Kb / 3P
   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
logo
Texas Instruments
PT6202N TI1-PT6202N Datasheet
85Kb / 5P
[Old version datasheet]   2 AMP HIGH-PERFORMANCE ADJUSTABLE ISR WITH ON/OFF CONTROL
PT7770 TI-PT7770 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7772 TI-PT7772 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE ?쏶LEDGE HAMMER??PROGRAMMABLE ISR
PT7773 TI1-PT7773 Datasheet
452Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT7701 TI-PT7701 Datasheet
131Kb / 2P
[Old version datasheet]   15 AMP HIGH-PERFORMANCE BIG HAMMER PROGRAMMABLE ISR
PT7777 TI-PT7777 Datasheet
180Kb / 3P
[Old version datasheet]   32 AMP HIGH-PERFORMANCE SLEDGE HAMMER??PROGRAMMABLE ISR
PT6500 TI-PT6500 Datasheet
291Kb / 7P
[Old version datasheet]   8 AMP ADJUSTABLE ISR WITH SHORT-CIRCUIT PROTECTION
logo
Cypress Semiconductor
CY37000 CYPRESS-CY37000 Datasheet
1Mb / 67P
   5V, 3.3V, ISR High-Performance CPLDs
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com