Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4202C Datasheet(PDF) 2 Page - Texas Instruments

Part # PT4202C
Description  3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4202C Datasheet(HTML) 2 Page - Texas Instruments

  PT4202C Datasheet HTML 1Page - Texas Instruments PT4202C Datasheet HTML 2Page - Texas Instruments PT4202C Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
PT4203 5.0V
(See Note 1)
PT4204 12.0V
(See Note 1)
Efficiency vs Output Current
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
Power Dissipation vs Output Current
PT4202 3.3V
(See Note 1)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
100
0
0.3
0.6
0.9
1.2
1.5
36.0V
42.0V
48.0V
55.0V
60.0V
Vin
40
50
60
70
80
90
100
0
0.2
0.4
0.6
0.8
1
1.2
36.0V
42.0V
48.0V
55.0V
60.0V
Vin
40
50
60
70
80
90
100
0
0.1
0.2
0.3
0.4
0.5
0.6
36.0V
42.0V
48.0V
55.0V
60.0V
Vin
0
5
10
15
20
25
0
0.3
0.6
0.9
1.2
1.5
60.0V
55.0V
48.0V
42.0V
36.0V
Vin
0
5
10
15
20
25
0
0.2
0.4
0.6
0.8
1
1.2
60.0V
55.0V
48.0V
42.0V
36.0V
Vin
0
5
10
15
20
25
0
0.1
0.2
0.3
0.4
0.5
0.6
60.0V
55.0V
48.0V
42.0V
36.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.3
0.6
0.9
1.2
1.5
60.0V
55.0V
48.0V
42.0V
36.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.2
0.4
0.6
0.8
1
1.2
60.0V
55.0V
48.0V
42.0V
36.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
0
0.1
0.2
0.3
0.4
0.5
0.6
60.0V
55.0V
48.0V
42.0V
36.0V
Vin
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the DC-DC Converter.
PT42/4300
Series
For assistance or to order, call (800) 531-5782
67
Power Trends, Inc. 27715 Diehl Road, Warrenville, IL 60555 (800) 531-5782 Fax: (630) 393-6902 http://
www.powertrends.com
CHARACTERISTIC
DA T A


Similar Part No. - PT4202C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4202C TI1-PT4202C Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4202CT TI1-PT4202CT Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
More results

Similar Description - PT4202C

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4205 TI-PT4205 Datasheet
187Kb / 3P
[Old version datasheet]   3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
PT4100-48V TI-PT4100-48V Datasheet
194Kb / 3P
[Old version datasheet]   48V 15 WATT ISOLATED DC-DC CONVERTER
PT4220 TI-PT4220 Datasheet
193Kb / 8P
[Old version datasheet]   10-W Low-Profile 48V-Input Isolated DC/DC Converter
PT3100-48V TI-PT3100-48V Datasheet
197Kb / 3P
[Old version datasheet]   15 WATT 48V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4212 TI-PT4212 Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
PT4210 TI1-PT4210 Datasheet
424Kb / 6P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com