Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SB1345 Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part No. 2SB1345
Description  Silicon PNP Power Transistors
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

2SB1345 Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  2SB1345 Datasheet HTML 1Page - Inchange Semiconductor Company Limited 2SB1345 Datasheet HTML 2Page - Inchange Semiconductor Company Limited 2SB1345 Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Inchange Semiconductor
Product Specification
Silicon PNP Power Transistors
2SB1345
DESCRIPTION
·
·With TO-247 package
·Complement to type 2SD2062
·Low collector saturation voltage
APPLICATIONS
·For power drvier and general purpose
applications
PINNING
PIN
DESCRIPTION
1
Base
2
Collector;connected to
mounting base
3
Emitter
Fig.1 simplified outline (TO-247) and
Absolute maximum ratings(Tc=25)
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
VCBO
Collector-base voltage
Open emitter
-100
V
VCEO
Collector-emitter voltage
Open base
-80
V
VEBO
Emitter-base voltage
Open collector
-5
V
IC
Collector current
-7
A
PC
Collector power dissipation
TC=25℃
80
W
Tj
Junction temperature
150
Tstg
Storage temperature
-55~150


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
RJK6014DPP Silicon N Channel MOS FET High Speed Power Switching 1  2  3  4  Renesas Technology Corp
2SA626 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA971 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1261 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1293 Silicon PNP Power Transistors 1  2  3  4  Inchange Semiconductor Company Limited
2SA1788 Silicon PNP Power Transistors 1  2  3  Inchange Semiconductor Company Limited
2SA1488 Silicon PNP Power Transistors 1  2  3  4  Inchange Semiconductor Company Limited

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn