Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29SL160B-90BIP Datasheet(PDF) 7 Page - Eon Silicon Solution Inc.

Part # EN29SL160B-90BIP
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29SL160B-90BIP Datasheet(HTML) 7 Page - Eon Silicon Solution Inc.

Back Button EN29SL160B-90BIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29SL160B-90BIP Datasheet HTML 11Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
7
EN29SL160
Rev. G, Issue Date: 2008/09/09
PRODUCT SELECTOR GUIDE
Product Number
EN29SL160
Full Voltage Range: Vcc=1.65 – 2.2 V
-90
Speed Option
Max Access Time, ns (
tacc)
90
Max CE# Access, ns (
tce)
90
Max OE# Access, ns (
toe)
35
BLOCK DIAGRAM


Similar Part No. - EN29SL160B-90BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BC EON-EN29SL400B-70BC Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BCP EON-EN29SL400B-70BCP Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BI EON-EN29SL400B-70BI Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BIP EON-EN29SL400B-70BIP Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results

Similar Description - EN29SL160B-90BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
   8 Megabit (1024K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com