Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29SL160B-90BCP Datasheet(PDF) 10 Page - Eon Silicon Solution Inc.

Part # EN29SL160B-90BCP
Description  16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29SL160B-90BCP Datasheet(HTML) 10 Page - Eon Silicon Solution Inc.

Back Button EN29SL160B-90BCP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 10Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29SL160B-90BCP Datasheet HTML 14Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 46 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.eonssi.com
or modifications due to changes in technical specifications.
10
EN29SL160
Rev. G, Issue Date: 2008/09/09
To access the autoselect codes in-system; the host system can issue the autoselect command via
the command register, as shown in the Command Definitions table. This method does not require
VID. See “Command Definitions” for details on using the autoselect mode.
Write Mode
Write operations, including programming data and erasing sectors of memory, require the host
system to write a command or command sequence to the device. Write cycles are initiated by
placing the byte or word address on the device’s address inputs while the data to be written is input
on DQ[7:0] in Byte Mode (BYTE# = L) or on DQ[15:0] in Word Mode (BYTE# = H). The host system
must drive the CE# and WE# pins Low and the OE# pin High for a valid write operation to take place.
All addresses are latched on the falling edge of WE# and CE#, whichever happens later. All data is
latched on the rising edge of WE# or CE#, whichever happens first. The system is not required to
provide further controls or timings. The device automatically provides internally generated program /
erase pulses and verifies the programmed /erased cells’ margin. The host system can detect
completion of a program or erase operation by observing the RY/BY# pin, or by reading the DQ[7]
(Data# Polling) and DQ[6] (Toggle) status bits.
The ‘Command Definitions’ section of this document provides details on the specific device
commands implemented in the EN29SL160.
RESET#: Hardware Reset Pin
The RESET# pin provides a hardware method of resetting the device to reading array data. When
the RESET# pin is driven low for at least a period of tRP, the device immediately terminates any
operation in progress, tristates all output pins, and ignores all read/write commands for the duration
of the RESET# pulse. The device also resets the internal state machine to reading array data. The
operation that was interrupted should be reinitiated once the device is ready to accept another
command sequence, to ensure data integrity.
Current is reduced for the duration of the RESET# pulse. When RESET# is held at Vss±0.3 V, the
device draws CMOS standby current (Icc2). If RESET# is held at VIL but not within Vss±0.3 V, the
standby current will be greater.
The RESET# pin may be tied to the system reset circuitry. A system reset would thus also reset the
Flash memory, enabling the system to read the boot-up firm- ware from the Flash memory.
If RESET# is asserted during a program or erase operation, the RY/BY# pin will immediately go to a
“1” but the actual internal operations may be active until tREADY (During Embedded Algorithms: 20uS)
amount of time has passed. The system thus must wait at least tREADY amount of time after the
RESET# is asserted. If RESET# is asserted when a program or erase operation is not executing
(RY/BY# pin is “1”), the reset operation is completed within a time of tREADY (Not during Embedded
Algorithms: 500nS). The system can read data tRH after the RESET# pin returns to VIH.
Refer to the DC Characteristics tables Icc3 for RESET# parameters and to the figures at page 26 on
datasheet for the timing diagram.
Sector /Sector Group Protection and Unprotection
The hardware sector protection feature disables both program and erase operations in any sector.
The hardware sector unprotection feature re-enables both program and erase operations in
previously protected sectors.
There are two methods to enabling this hardware protection circuitry. The first one requires only
that the RESET# pin be at VID and then standard microprocessor timings can be used to enable or


Similar Part No. - EN29SL160B-90BCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29SL400 EON-EN29SL400 Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BC EON-EN29SL400B-70BC Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BCP EON-EN29SL400B-70BCP Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BI EON-EN29SL400B-70BI Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
EN29SL400B-70BIP EON-EN29SL400B-70BIP Datasheet
299Kb / 40P
   4 Megabit (512K x 8-bit / 256K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 1.8 Volt-only
More results

Similar Description - EN29SL160B-90BCP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160A EON-EN29LV160A Datasheet
930Kb / 43P
   16 MEGABIT (2048K X 8- BIT / 1024 K X 16-BIT) FLASH MEMORY
logo
List of Unclassifed Man...
EN29LV160J ETC1-EN29LV160J Datasheet
264Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
Eon Silicon Solution In...
EN29LV160B EON-EN29LV160B_11 Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
EN29LV160C EON-EN29LV160C Datasheet
435Kb / 44P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV160 EON-EN29LV160 Datasheet
420Kb / 45P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN39SL160H EON-EN39SL160H Datasheet
581Kb / 52P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory With 4Kbytes Uniform Sector, CMOS 1.8 Volt-only
logo
List of Unclassifed Man...
EN29F080 ETC-EN29F080 Datasheet
214Kb / 37P
   8 Megabit (1024K x 8-bit) Flash Memory
logo
Eon Silicon Solution In...
EN29LV800 EON-EN29LV800 Datasheet
239Kb / 43P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com