Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT4206A Datasheet(PDF) 3 Page - Texas Instruments

Part # PT4206A
Description  3-7 WATT 24V INPUT ISOLATED DC-DC CONVERTER
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT4206A Datasheet(HTML) 3 Page - Texas Instruments

  PT4206A Datasheet HTML 1Page - Texas Instruments PT4206A Datasheet HTML 2Page - Texas Instruments PT4206A Datasheet HTML 3Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
IMPORTANT NOTICE
Texas Instruments and its subsidiaries (TI) reserve the right to make changes to their products or to discontinue
any product or service without notice, and advise customers to obtain the latest version of relevant information
to verify, before placing orders, that information being relied on is current and complete. All products are sold
subject to the terms and conditions of sale supplied at the time of order acknowledgement, including those
pertaining to warranty, patent infringement, and limitation of liability.
TI warrants performance of its semiconductor products to the specifications applicable at the time of sale in
accordance with TI’s standard warranty. Testing and other quality control techniques are utilized to the extent
TI deems necessary to support this warranty. Specific testing of all parameters of each device is not necessarily
performed, except those mandated by government requirements.
CERTAIN APPLICATIONS USING SEMICONDUCTOR PRODUCTS MAY INVOLVE POTENTIAL RISKS OF
DEATH, PERSONAL INJURY, OR SEVERE PROPERTY OR ENVIRONMENTAL DAMAGE (“CRITICAL
APPLICATIONS”). TI SEMICONDUCTOR PRODUCTS ARE NOT DESIGNED, AUTHORIZED, OR
WARRANTED TO BE SUITABLE FOR USE IN LIFE-SUPPORT DEVICES OR SYSTEMS OR OTHER
CRITICAL APPLICATIONS. INCLUSION OF TI PRODUCTS IN SUCH APPLICATIONS IS UNDERSTOOD TO
BE FULLY AT THE CUSTOMER’S RISK.
In order to minimize risks associated with the customer’s applications, adequate design and operating
safeguards must be provided by the customer to minimize inherent or procedural hazards.
TI assumes no liability for applications assistance or customer product design. TI does not warrant or represent
that any license, either express or implied, is granted under any patent right, copyright, mask work right, or other
intellectual property right of TI covering or relating to any combination, machine, or process in which such
semiconductor products or services might be or are used. TI’s publication of information regarding any third
party’s products or services does not constitute TI’s approval, warranty or endorsement thereof.
Copyright
© 1999, Texas Instruments Incorporated


Similar Part No. - PT4206A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4206A TI1-PT4206A Datasheet
190Kb / 4P
[Old version datasheet]   1,500 VDC Isolation
More results

Similar Description - PT4206A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT4200 TI1-PT4200 Datasheet
213Kb / 4P
[Old version datasheet]   3-7 Watt 48V-Input Isolated DC/DC Converter
PT4200 TI-PT4200 Datasheet
215Kb / 3P
[Old version datasheet]   3-7 WATT 48V INPUT ISOLATED DC-DC CONVERTER
PT4212 TI-PT4212 Datasheet
211Kb / 5P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
PT4210 TI1-PT4210 Datasheet
424Kb / 6P
[Old version datasheet]   5-7 Watt Low-Profile Isolated DC-DC Converter
PT4240 TI-PT4240 Datasheet
174Kb / 7P
[Old version datasheet]   10-W Low-Profile 24V-Input Isolated DC/DC Converter
PT3100-24V TI-PT3100-24V Datasheet
180Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
PT4100-24V TI-PT4100-24V Datasheet
179Kb / 3P
[Old version datasheet]   15 WATT 24V TO 5V/12V/15V ISOLATED DC-DC CONVERTER
logo
CINCON ELECTRONICS Corp...
CHB200W12 CINCON-CHB200W12 Datasheet
749Kb / 8P
   200 WATT 12:1 INPUT ISOLATED DC-DC CONVERTER
EC7BW18-72S05 CINCON-EC7BW18-72S05 Datasheet
737Kb / 8P
   20 WATT 18:1 INPUT ISOLATED DC-DC CONVERTER
CQB75-300S CINCON-CQB75-300S Datasheet
400Kb / 8P
   75 WATT 2:1 INPUT ISOLATED DC-DC CONVERTER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com