Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29P640T-90EIP Datasheet(PDF) 5 Page - Eon Silicon Solution Inc.

Part # EN29P640T-90EIP
Description  64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29P640T-90EIP Datasheet(HTML) 5 Page - Eon Silicon Solution Inc.

  EN29P640T-90EIP Datasheet HTML 1Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29P640T-90EIP Datasheet HTML 9Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
This Data Sheet may be revised by subsequent versions
© 2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
5
EN29LV640T/B
Rev. G, Issue Date: 2009/03/30
TABLE 1. PIN DESCRIPTION
LOGIC DIAGRAM
Pin Name
Function
A0-A21
22 Address inputs
DQ0-DQ14
15 Data Inputs/Outputs
DQ15 / A-1
DQ15 (data input/output, in word mode),
A-1 (LSB address input, in byte mode)
CE#
Chip Enable
OE#
Output Enable
WE#
Write Enable
WP#/ACC
Write Protect / Acceleration Pin
RESET#
Hardware Reset Pin
BYTE#
Byte/Word mode selection
RY/BY#
Ready/Busy Output
Vcc
Supply Voltage
(2.7-3.6V)
Vss
Ground
NC
Not Connected to anything


Similar Part No. - EN29P640T-90EIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A-70TIP EON-EN29PL032A-70TIP Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064-70BI EON-EN29PL064-70BI Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
EN29PL064-70BIP EON-EN29PL064-70BIP Datasheet
883Kb / 66P
   64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
More results

Similar Description - EN29P640T-90EIP

ManufacturerPart #DatasheetDescription
logo
SPANSION
MBM29PL64LM SPANSION-MBM29PL64LM Datasheet
797Kb / 69P
   Flash Memory 64 M (8M X 8/4M X 16) BIT
logo
Eon Silicon Solution In...
EN29LV640T EON-EN29LV640T Datasheet
475Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
EN29LV640A EON-EN29LV640A Datasheet
549Kb / 53P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory Boot Sector Flash Memory, CMOS 3.0 Volt-only
logo
SPANSION
S29JL064J SPANSION-S29JL064J Datasheet
1Mb / 61P
   64 Megabit (8M x 8-Bit/4M x 16-Bit) CMOS 3.0 Volt-Only, Simultaneous Read/Write Flash Memory
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064 Datasheet
3Mb / 66P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
logo
Maxwell Technologies
29F0408 MAXWELL-29F0408 Datasheet
941Kb / 33P
   32 Megabit (4M x 8-Bit) Flash Memory
logo
Samsung semiconductor
K9F2808Q0C SAMSUNG-K9F2808Q0C Datasheet
583Kb / 33P
   16M x 8 Bit , 8M x 16 Bit NAND Flash Memory
logo
Eon Silicon Solution In...
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
logo
Fujitsu Component Limit...
MB84VB2000 FUJITSU-MB84VB2000 Datasheet
314Kb / 28P
   8M (x 8/x 16) FLASH MEMORY & 8M (x 8/x 16) FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com