Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT5020 Datasheet(PDF) 2 Page - Texas Instruments

Part # PT5020
Description  POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT5020 Datasheet(HTML) 2 Page - Texas Instruments

  PT5020 Datasheet HTML 1Page - Texas Instruments PT5020 Datasheet HTML 2Page - Texas Instruments PT5020 Datasheet HTML 3Page - Texas Instruments PT5020 Datasheet HTML 4Page - Texas Instruments PT5020 Datasheet HTML 5Page - Texas Instruments PT5020 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
For technical support and more information, see inside back cover or visit www.ti.com
Typical Characteristics
PT5022 (-5VDC)
(See Note A)
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
PT5024 (-12VDC)
(See Note A)
Efficiency vs Output Current
Ripple Voltage vs Output Current
Power Dissipation vs Output Current
Safe Operating Area (VIN=5V) (See Note B)
Safe Operating Area (VIN=5V) (See Note B)
Iout-(Amps)
Iout-(Amps)
40
50
60
70
80
90
10 0
0
0 .1
0 .2
0 .3
0 .4
0 .5
7.0V
6.5V
6.0V
5.5V
5.0V
4.75V
Vin
Iout-(Amps)
Iout-(Amps)
Maximum Output Current - (Amps)
Maximum Output Current - (Amps)
Iout-(Amps)
Iout-(Amps)
0
0.5
1
1.5
2
0
0.1
0.2
0.3
0.4
0.5
4.75V
5.0V
5.5V
6.0V
6.5V
7.0V
Vin
0
20
40
60
80
10 0
12 0
14 0
16 0
0
0.1
0.2
0.3
0.4
0.5
4.7 5 V
5.0 V
5.5 V
6.0 V
6.5 V
7.0 V
Vin
40
50
60
70
80
90
100
0
0 .2
0 .4
0 .6
0 .8
1
7.0 V
6.5 V
6.0 V
5.5 V
5.0 V
4.7 5 V
Vin
0
0.5
1
1.5
2
2.5
0
0.2
0.4
0.6
0.8
1
4.75V
5.0V
5.5V
6.0V
6.5V
7.0V
Vin
0
20
40
60
80
10 0
0
0 .2
0 .4
0 .6
0 .8
1
4.75V
5.0V
5.5V
6.0V
6.5V
7.0V
Vin
20
30
40
50
60
70
80
90
0
0.2
0.4
0.6
0.8
1
0 LFM
60 LFM
90 LFM
Airflow
20
30
40
50
60
70
80
90
0.0
0 .1
0.2
0 .3
0.4
0 .5
90 LFM
60 LFM
0 LFM
Airflow
Positive Input/Negative Output
Integrated Switching Regulator
PT5020 Series
Note A:
Characteristic data has been developed from actual products tested at 25°C. This data is considered typical data for the Converter.
Note B:
Thermal derating graphs are developed in free-air convection cooling, which corresponds to approximately 40–60LFM of airflow.


Similar Part No. - PT5020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5021 TI-PT5021 Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5022 TI-PT5022 Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5023 TI-PT5023 Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT5024 TI-PT5024 Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
More results

Similar Description - PT5020

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT5022A TI-PT5022A Datasheet
210Kb / 3P
[Old version datasheet]   POSITIVE INPUT/NEGATIVE OUTPUT INTEGRATED SWITCHING REGULATOR
PT78NR100 TI1-PT78NR100_15 Datasheet
206Kb / 5P
[Old version datasheet]   Negative output from positive input
PT78NR200 TI1-PT78NR200_09 Datasheet
439Kb / 2P
[Old version datasheet]   Negative output from positive input
logo
Asahi Kasei Microsystem...
AP1156ADS15 AKM-AP1156ADS15 Datasheet
780Kb / 25P
   Negative Input / Output Voltage LDO Regulator
AP1156ADSXX AKM-AP1156ADSXX Datasheet
780Kb / 25P
   Negative Input / Output Voltage LDO Regulator
logo
HuaXinAn Electronics CO...
AP1156ADSXX HUAXINAN-AP1156ADSXX Datasheet
792Kb / 24P
   Negative Input / Output Voltage LDO Regulator
logo
National Semiconductor ...
LH7001 NSC-LH7001 Datasheet
358Kb / 10P
   POSITIVE / NEGATIVE ADJUSTABLE REGULATOR
logo
MORNSUN Science& Techno...
K7803-1000 MORNSUN-K7803-1000 Datasheet
109Kb / 3P
   SINGLE POSITIVE /NEGATIVE OUTPUT
K7803-500 MORNSUN-K7803-500 Datasheet
118Kb / 3P
   SINGLE POSITIVE/NEGATIVE OUTPUT
logo
Texas Instruments
PT6933 TI-PT6933 Datasheet
169Kb / 7P
[Old version datasheet]   8-A 5V-Input Dual-Output Integrated Switching Regulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com