Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29GL064H-70BIP Datasheet(PDF) 6 Page - Eon Silicon Solution Inc.

Part # EN29GL064H-70BIP
Description  64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29GL064H-70BIP Datasheet(HTML) 6 Page - Eon Silicon Solution Inc.

Back Button EN29GL064H-70BIP Datasheet HTML 2Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 3Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 4Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 5Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 6Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 7Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 8Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 9Page - Eon Silicon Solution Inc. EN29GL064H-70BIP Datasheet HTML 10Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 66 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc.,
www.eonssi.com
or modifications due to changes in technical specifications.
6
Preliminary
EN29GL064
Rev. A, Issue Date: 2009/3/20
Product Overview
EN29GL064 is 64 Mb, 3.0-volt-only, page mode Flash devices optimized for today’s embedded designs
that demand a large storage array and rich functionality. This product offers uniform 32 Kword (64 KB)
uniform sectors and Top or Bottom boot sectors device (for 48-pin TSOP only offer Top or Bottom boot
sectors device). The feature of V I/O control allowing control and I/O signals to operate from 1.65 V to
VCC. Additional features include:
• Single word programming or a 16-word buffer for an increased programming speed
• Program Suspend/Resume and Erase Suspend/Resume
• Advanced Sector Protection methods for protecting sectors as required
• 128 words/256 bytes of Secured Silicon area for storing customer and factory secured information.
The Secured Silicon Sector is One Time Programmable.


Similar Part No. - EN29GL064H-70BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064H-70BAIP EON-EN29GL064H-70BAIP Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
More results

Similar Description - EN29GL064H-70BIP

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29GL064 EON-EN29GL064_11 Datasheet
838Kb / 64P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064ATB EON-EN29GL064ATB Datasheet
679Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL064AT EON-EN29GL064AT Datasheet
678Kb / 58P
   64 Megabit (8192K x 8-bit / 4096K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29P640T-70TI EON-EN29P640T-70TI Datasheet
569Kb / 55P
   64 Megabit (8M x 8-bit / 4M x 16-bit) Flash Memory
EN29GL128HL EON-EN29GL128HL Datasheet
783Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29LV641H EON-EN29LV641H Datasheet
522Kb / 46P
   64 Megabit (4096K x 16-bit) Flash Memory, CMOS 3.0 Volt-only Uniform Sector Flash Memory
EN29GL128H EON-EN29GL128H_10 Datasheet
747Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29GL128H EON-EN29GL128H Datasheet
746Kb / 54P
   128 Megabit (16384K x 8-bit / 8192K x 16-bit) Flash Memory Page mode Flash Memory, CMOS 3.0 Volt-only
EN29SL160 EON-EN29SL160 Datasheet
369Kb / 46P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
EN29LV160B EON-EN29LV160B Datasheet
420Kb / 43P
   16 Megabit (2048K x 8-bit / 1024K x 16-bit) Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com