Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29PL064-70TI Datasheet(PDF) 15 Page - Eon Silicon Solution Inc.

Part # EN29PL064-70TI
Description  64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL064-70TI Datasheet(HTML) 15 Page - Eon Silicon Solution Inc.

Back Button EN29PL064-70TI Datasheet HTML 11Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 12Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 13Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 14Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 15Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 16Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 17Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 18Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 19Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 66 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
15
EN29PL064/032
Rev. D, Issue Date: 2008/03/27
Table 9.4
PL064 Sector Architecture (Sheet 1 of 4)
Bank
Sector
Sector Address (A21-A12)
Sector Size (Kwords)
Address Range (x16)
SA0
0000000000
4
000000h–000FFFh
SA1
0000000001
4
001000h–001FFFh
SA2
0000000010
4
002000h–002FFFh
SA3
0000000011
4
003000h–003FFFh
SA4
0000000100
4
004000h–004FFFh
SA5
0000000101
4
005000h–005FFFh
SA6
0000000110
4
006000h–006FFFh
SA7
0000000111
4
007000h–007FFFh
SA8
0000001XXX
32
008000h–00FFFFh
SA9
0000010XXX
32
010000h–017FFFh
SA10
0000011XXX
32
018000h–01FFFFh
SA11
0000100XXX
32
020000h–027FFFh
SA12
0000101XXX
32
028000h–02FFFFh
SA13
0000110XXX
32
030000h–037FFFh
SA14
0000111XXX
32
038000h–03FFFFh
SA15
0001000XXX
32
040000h–047FFFh
SA16
0001001XXX
32
048000h–04FFFFh
SA17
0001010XXX
32
050000h–057FFFh
SA18
0001011XXX
32
058000h–05FFFFh
SA19
0001100XXX
32
060000h–067FFFh
SA20
0001101XXX
32
068000h–06FFFFh
SA21
0001110XXX
32
070000h–077FFFh
Bank
A
SA22
0001111XXX
32
078000h–07FFFFh


Similar Part No. - EN29PL064-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064-70TIP EON-EN29PL064-70TIP Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results

Similar Description - EN29PL064-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
logo
SPANSION
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com