Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EN29PL064-70TI Datasheet(PDF) 42 Page - Eon Silicon Solution Inc.

Part # EN29PL064-70TI
Description  64/32 Mbit (4/2 M x 16-Bit) CMOS 3.0 Volt- only,
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EON [Eon Silicon Solution Inc.]
Direct Link  http://www.essi.com.tw
Logo EON - Eon Silicon Solution Inc.

EN29PL064-70TI Datasheet(HTML) 42 Page - Eon Silicon Solution Inc.

Back Button EN29PL064-70TI Datasheet HTML 38Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 39Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 40Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 41Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 42Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 43Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 44Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 45Page - Eon Silicon Solution Inc. EN29PL064-70TI Datasheet HTML 46Page - Eon Silicon Solution Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 66 page
background image
This Data Sheet may be revised by subsequent versions
©2004 Eon Silicon Solution, Inc., www.essi.com.tw
or modifications due to changes in technical specifications.
42
EN29PL064/032
Rev. D, Issue Date: 2008/03/27
9.
Command sequence returns FFh if PPMLB is set.
10.
The password is written over four consecutive cycles, at addresses 0-3.
11.
A 2 µs timeout is required between any two portions of password.
12.
A 100 µs timeout is required between cycles 4 and 5.
13.
A 1.2 ms timeout is required between cycles 4 and 5.
14.
Cycle 4 erases all PPBs. Cycles 5 and 6 validate bits have been fully erased when DQ0 = 0. If DQ0 = 1 in
cycle 6, erase command must be issued and verified again. Before issuing erase command, all PPBs
should be programmed to prevent PPB overerasure.
15.
DQ1 = 1 if PPB locked, 0 if unlocked.
16.
Once the Secured Silicon Sector Entry Command sequence has been entered, the standard array cannot
be accessed until the Exit SecSi Sector command has been entered or the device has been reset.
16. Write Operation Status
The device provides several bits to determine the status of a program or erase operation: DQ2, DQ3,
DQ5, DQ6, and DQ7. Table 16.1 and the following subsections describe the function of these bits.
DQ7 and DQ6 each offer a method for determining whether a program or erase operation is
complete or in progress. The device also provides a hardware-based output signal, RY/BY#, to
determine whether an Embedded Program or Erase operation is in progress or has been completed.
16.1 DQ7: Data# Polling
The Data# Polling bit, DQ7, indicates to the host system whether an Embedded Program or Erase
algorithm is in progress or completed, or whether a bank is in Erase Suspend. Data# Polling is valid
after the rising edge of the final WE# pulse in the command sequence.
During the Embedded Program algorithm, the device outputs on DQ7 the complement of the datum
programmed to DQ7. This DQ7 status also applies to programming during Erase Suspend. When
the Embedded Program algorithm is complete, the device outputs the datum programmed to DQ7.
The system must provide the program address to read valid status information on DQ7. If a program
address falls within a protected sector, Data# Polling on DQ7 is active for approximately 1 µs, then
that bank returns to the read mode.
During the Embedded Erase algorithm, Data# Polling produces a “0” on DQ7. When the Embedded
Erase algorithm is complete, or if the bank enters the Erase Suspend mode, Data# Polling produces
a “1” on DQ7. The system must provide an address within any of the sectors selected for erasure to
read valid status information on DQ7.
After an erase command sequence is written, if all sectors selected for erasing are protected, Data#
Polling on DQ7 is active for approximately 400 µs, then the bank returns to the read mode. If not all
selected sectors are protected, the Embedded Erase algorithm erases the unprotected sectors, and
ignores the selected sectors that are protected. However, if the system reads DQ7 at an address
within a protected sector, the status may not be valid.
When the system detects DQ7 has changed from the complement to true data, it can read valid data
at DQ15–DQ0 on the following read cycles. Just prior to the completion of an Embedded Program or
Erase operation, DQ7 may change asynchronously with DQ15–DQ0 while Output Enable (OE#) is
asserted low. That is, the device may change from providing status information to valid data on DQ7.
Depending on when the system samples the DQ7 output, it may read the status or valid data. Even
if the device has completed the program or erase operation and DQ7 has valid data, the data
outputs on DQ15–DQ0 may be still invalid. Valid data on DQ15–DQ0 will appear on successive read
cycles.
Table 16.1 shows the outputs for Data# Polling on DQ7. Figure 16.1 shows the Data# Polling
algorithm. Figure 20.10 shows the Data# Polling timing diagram.


Similar Part No. - EN29PL064-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064-70TIP EON-EN29PL064-70TIP Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
More results

Similar Description - EN29PL064-70TI

ManufacturerPart #DatasheetDescription
logo
Eon Silicon Solution In...
EN29PL064 EON-EN29PL064 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only
EN29PL064 EON-EN29PL064_11 Datasheet
778Kb / 57P
   64 Mbit (4 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
EN29PL032A EON-EN29PL032A Datasheet
730Kb / 52P
   32 Mbit (2 M x 16-Bit) CMOS 3.0 Volt- only, Simultaneous-Read/Write Flash Memory
logo
SPANSION
AM50DL9608G SPANSION-AM50DL9608G Datasheet
972Kb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and 8 Mbit
logo
Advanced Micro Devices
AM49DL32XBG AMD-AM49DL32XBG Datasheet
1Mb / 64P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2M x 16-Bit)
logo
SPANSION
AM75DL9608HG SPANSION-AM75DL9608HG Datasheet
1Mb / 70P
   64 Megabit (4 M x 16-Bit) and 32 Megabit (2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories, and
AM49PDL127BH SPANSION-AM49PDL127BH Datasheet
1Mb / 86P
   128 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory and 32 Mbit (2 M x 16-Bit) CMOS
logo
Advanced Micro Devices
AM50DL128CG AMD-AM50DL128CG Datasheet
888Kb / 63P
   64 Megabit (4 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memories and 64 Mbit (4 M x 16-Bit) Pseudo Static RAM
logo
SPANSION
AM29LV320D SPANSION-AM29LV320D Datasheet
887Kb / 55P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory
logo
Advanced Micro Devices
AM29DL322D AMD-AM29DL322D Datasheet
1Mb / 54P
   32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous Operation Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com