Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR365-1-473 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR365-1-473
Description  SMD INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR365-1-473 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR365-1-473 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong Kong Tel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SUGGESTED PAD LAYOUT
1
4
2
3
XXX
.228 MAX.
5,80
.236
6,00
.291 MAX.
7,40
.047 MAX.
1,20
.165
4,20
.024
0,60
.177
4,50
.134
3,40
.043
1,10
.055
1,40
.142
3,60
4
1
3
2
SCHEMATIC
"B"
1
2
SCHEMATIC
"A"
1
2
4
3
ELECTRICAL SPECIFICATION AT 25
°C
Part Number
Inductance (
µH )
@ 100kHz, 0.1V
DCR (
Ω) Max.
Rated DC
Current
(A) Max.
Schematic
DR365-1-332
3.3 ± 20%
0.11
0.94
A
DR365-1-472
4.7 ± 20%
0.16
0.80
A
DR365-1-682
6.8 ± 20%
0.22
0.65
A
DR365-1-103
10.0 ± 20%
0.28
0.53
A
DR365-1-153
15.0 ± 20%
0.44
0.40
A
DR365-1-223
22.0 ± 20%
0.67
0.36
B
DR365-1-333
33.0 ± 20%
0.98
0.32
B
DR365-1-473
47.0 ± 20%
1.38
0.26
B
DR365-1-683
68.0 ± 20%
1.70
0.23
B
DR365-1-104
100.0 ± 20%
2.80
0.20
B
MECHANICAL OUTLINES
SMD INDUCTOR DR365-1 SERIES
Features
Low Profile Surface Mount Design
Inductance Range from 3.3µH to 100µH
Temperature Range -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 4)
NOTES:
1.
Dimensions are shown in inches/millimeters
Unless otherwise specified, tolerance = Inches: ±0.010
= Millimeters: ±0,25
2.
Inductance is approximately 10% lower @ rated DC current from initial value
3.
Tape & Reel Packaging, 2000 pieces per reel.
4.
For non-RoHS parts replace DR prefix with 42- (e.g. DR365-1 becomes 42-365-1)
5.
Terminal finish is compliant to RoHS requirements
.
Solder in accordance with J-STD-020C.


Similar Part No. - DR365-1-473

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR365-1-473 DATATRONICS-DR365-1-473 Datasheet
74Kb / 1P
   SMD INDUCTOR DR365-1 SERIES
More results

Similar Description - DR365-1-473

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com