Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR354-4-683-T Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR354-4-683-T
Description  SMD INDUCTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR354-4-683-T Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR354-4-683-T Datasheet HTML 1Page - Datatronic Distribution, Inc. DR354-4-683-T Datasheet HTML 2Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
March 6, 2007
DATATRONIC
: 28151 Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
SMD INDUCTOR DR354-4 SERIES
Features
SMD Chip Inductor, Low Profile
Suitable for High Frequency Application
Inductance Range from 10nH to 4.7µH
Operating Temp. -40°C to +125°C
Tinned Leads with Leaded Solder is Available (note 4)
ELECTRICAL SPECIFICATIONS AT 25ºC
PART NO.
PERCENT
TOLERANCE, T
INDUCTANCE
(nH)
DCR (
Ω)
MAX.
MAX. RATED CURRENT
(A)
DR354-4-103-T
20, 10, 5
10
@50MHz
0.08
1.000
DR354-4-123-T
20, 10, 5
12
@50MHz
0.09
1.000
DR354-4-153-T
20, 10
15
@50MHz
0.10
1.000
DR354-4-183-T
20, 10, 5
18
@50MHz
0.11
1.000
DR354-4-223-T
20, 10, 5
22
@50MHz
0.12
1.000
DR354-4-273-T
20, 10, 5
27
@50MHz
0.13
1.000
DR354-4-333-T
10, 5, 2
33
@50MHz
0.14
1.000
DR354-4-393-T
10, 5, 2
39
@50MHz
0.15
1.000
DR354-4-473-T
10, 5, 2
47
@50MHz
0.16
1.000
DR354-4-563-T
10, 5, 2
56
@50MHz
0.18
1.000
DR354-4-683-T
10, 5, 2
68
@50MHz
0.20
1.000
DR354-4-823-T
10, 5, 2
82
@50MHz
0.22
1.000
DR354-4-104-T
10, 5, 2
100
@25MHz
0.24
0.980
DR354-4-124-T
10, 5, 2
120
@25MHz
0.26
0.920
DR354-4-154-T
10, 5, 2
150
@25MHz
0.29
0.870
DR354-4-184-T
10, 5, 2
180
@25MHz
0.31
0.830
DR354-4-224-T
10, 5, 2
220
@25MHz
0.35
0.790
DR354-4-274-T
10, 5, 2
270
@25MHz
0.42
0.730
DR354-4-334-T
10, 5, 2
330
@25MHz
0.49
0.680
DR354-4-394-T
10, 5, 2
390
@25MHz
0.54
0.640
DR354-4-474-T
10, 5, 2
470
@25MHz
0.60
0.610
DR354-4-564-T
10, 5, 2
560
@25MHz
1.00
0.460
DR354-4-624-T
10, 5, 2
620
@25MHz
1.08
0.430
DR354-4-684-T
10, 5, 2
680
@25MHz
1.15
0.420
DR354-4-754-T
10, 5, 2
750
@25MHz
1.20
0.410
DR354-4-824-T
10, 5, 2
820
@25MHz
1.93
0.350
DR354-4-914-T
10, 5, 2
910
@25MHz
2.02
0.340
DR354-4-105-T
10, 5, 2
1000
@25MHz
2.16
0.330
DR354-4-125-T
20, 10, 5
1200
@7.9MHz
2.38
0.310
DR354-4-155-T
20, 10, 5
1500
@7.9MHz
2.64
0.300
DR354-4-185-T
20, 10, 5
1800
@7.9MHz
2.76
0.290
DR354-4-225-T
20, 10, 5
2200
@7.9MHz
2.98
0.280
DR354-4-275-T
20, 10, 5
2700
@7.9MHz
3.30
0.260
DR354-4-335-T
20, 10, 5
3300
@7.9MHz
3.66
0.250
DR354-4-395-T
20, 10, 5
3900
@7.9MHz
4.00
0.240
DR354-4-475-T
20, 10, 5
4700
@7.9MHz
4.30
0.230
INDUCTANCE TOLERANCE: WHEN ORDERING, PLEASE SPECIFY THE TOLERANCE.
-T (M=±20%, K=±10%, J=±5%, G=±2%)


Similar Part No. - DR354-4-683-T

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR354-4-683-T DATATRONICS-DR354-4-683-T Datasheet
161Kb / 2P
   SMD INDUCTOR DR354-4 SERIES
More results

Similar Description - DR354-4-683-T

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
XFMRS Inc.
XFSMDR62-100N XFMRS-XFSMDR62-100N Datasheet
38Kb / 1P
   SMD Inductor
1XF03300S1M XFMRS-1XF03300S1M Datasheet
51Kb / 1P
   SMD Inductor
1XF15001S1M XFMRS-1XF15001S1M Datasheet
34Kb / 1P
   SMD Inductor
XFSDR63SH-2R7M XFMRS-XFSDR63SH-2R7M Datasheet
28Kb / 1P
   SMD Inductor
XFSDR63SH-220 XFMRS-XFSDR63SH-220 Datasheet
52Kb / 1P
   SMD Inductor
XF7435-101M XFMRS-XF7435-101M Datasheet
47Kb / 1P
   SMD INDUCTOR
XFSDR105-330K XFMRS-XFSDR105-330K Datasheet
44Kb / 1P
   SMD Inductor
XFTPRH73-8R2M XFMRS-XFTPRH73-8R2M Datasheet
57Kb / 1P
   SMD Inductor
XFTPRH73-120M XFMRS-XFTPRH73-120M Datasheet
55Kb / 1P
   SMD Inductor
XFTPRH73T-1R0N XFMRS-XFTPRH73T-1R0N Datasheet
61Kb / 1P
   SMD Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com