Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DR350-9-682 Datasheet(PDF) 1 Page - Datatronic Distribution, Inc.

Part # DR350-9-682
Description  SHIELDED SMD INDUCTOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DATATRONICS [Datatronic Distribution, Inc.]
Direct Link  http://www.datatronics.com
Logo DATATRONICS - Datatronic Distribution, Inc.

DR350-9-682 Datasheet(HTML) 1 Page - Datatronic Distribution, Inc.

  DR350-9-682 Datasheet HTML 1Page - Datatronic Distribution, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
July 17, 2007
DATATRONIC: 28151Highway 74, Romoland, CA 92585 Tel: 951-928-7700 Toll Free Tel: 888-889-5391 Fax: 951-928-7701
Email: ddisales@datatronics.com
499 King’s Road, Hong KongTel: (852) 2562 3858, (852) 2564 8477 Fax: (852) 2565 7214, (852) 2563 1290
All specifications are subject to change without notice.
XXX
2.0
SIDE VIEW
PCB PAD LAYOUT (REF.)
1.5
4.0
1.5
2.2
2
SCHEMATIC
BOTTOM VIEW
1
ELECTRICAL SPECIFICATIONS AT 25ºC
Part No.
Inductance
(
µH) ± 20%
DCR
(
Ω) ± 20%
I rms
(A) Max.
I sat
(A) Max.
DR350-9-472
4.7
0.036
2.50
1.60
DR350-9-682
6.8
0.052
2.20
1.50
DR350-9-103
10.0
0.068
1.80
1.30
DR350-9-153
15.0
0.100
1.40
1.00
DR350-9-223
22.0
0.120
1.30
0.77
DR350-9-333
33.0
0.180
1.10
0.69
DR350-9-473
47.0
0.270
0.92
0.59
DR350-9-683
68.0
0.390
0.78
0.50
DR350-9-104
100.0
0.620
0.64
0.42
MECHANICAL OUTLINES
Notes:
1.
All dimensions are shown in millimeter “mm”
2.
General tolerance
±0.2mm, unless other specified
3.
Inductance Test: 1kHz, 0.5Vrms
4.
Irms for an approximate 45°C temperature rise
5.
Isat for an approximate 20% drop maximum of the nominal value
6.
Tape and reel quantity, 1000 pcs/reel
7.
For non-RoHS parts replace DR prefix with 42- (e.g. DR350-9 becomes 42-350-9)
8.
Terminal finish is compliant to RoHS requirements. Solder in accordance with J-STD-020C
SHIELDED SMD INDUCTOR DR350-9 SERIES
Features
Low Profile Surface Mount Design
Flat Top for Pick and Place
Inductance Range from 4.7µH to 100.0µH
Operating Temp. -40°C to +85°C
Tinned Leads with Leaded Solder is Available (note 7)
2.8 0.2
6.0 0.2
6.0 0.2
1
2
4.0
TOP VIEW


Similar Part No. - DR350-9-682

ManufacturerPart #DatasheetDescription
logo
Datatronic Distribution...
DR350-9-682 DATATRONICS-DR350-9-682 Datasheet
77Kb / 1P
   SHIELDED SMD INDUCTOR DR350-9 SERIES
More results

Similar Description - DR350-9-682

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFSDR63SH-1R5N XFMRS-XFSDR63SH-1R5N Datasheet
44Kb / 1P
   Shielded SMD Inductor
XFTPRH5D28-101M XFMRS-XFTPRH5D28-101M Datasheet
62Kb / 1P
   Shielded smd Inductor
XFTPRH105-6R8M XFMRS-XFTPRH105-6R8M Datasheet
46Kb / 1P
   Shielded smd Inductor
XFTPRH105-102M XFMRS-XFTPRH105-102M Datasheet
47Kb / 1P
   Shielded smd Inductor
logo
Datatronic Distribution...
DR358-3-412 DATATRONICS-DR358-3-412 Datasheet
102Kb / 1P
   SHIELDED SMD INDUCTOR
DR357-1-252 DATATRONICS-DR357-1-252 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR358-6-332 DATATRONICS-DR358-6-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR331-8-102 DATATRONICS-DR331-8-102 Datasheet
76Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-1-332 DATATRONICS-DR350-1-332 Datasheet
100Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-3-332 DATATRONICS-DR350-3-332 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
DR350-5-103 DATATRONICS-DR350-5-103 Datasheet
83Kb / 1P
   SHIELDED SMD INDUCTOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com